Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

107721 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 107721
Description  QUINT4-PS/1AC/24DC/2.5/SC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

107721 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 107721 Datasheet HTML 9Page - PHOENIX CONTACT 107721 Datasheet HTML 10Page - PHOENIX CONTACT 107721 Datasheet HTML 11Page - PHOENIX CONTACT 107721 Datasheet HTML 12Page - PHOENIX CONTACT 107721 Datasheet HTML 13Page - PHOENIX CONTACT 107721 Datasheet HTML 14Page - PHOENIX CONTACT 107721 Datasheet HTML 15Page - PHOENIX CONTACT 107721 Datasheet HTML 16Page - PHOENIX CONTACT 107721 Datasheet HTML 17Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
QUINT4-PS/1AC/24DC/2.5/SC
107721_en_00
PHOENIX CONTACT 13 / 28
6
High-voltage test (HIPOT)
This protection class II power supply is subject to the Low
Voltage Directive and is factory tested. During the HIPOT
test (high-voltage test), the insulation between the input
circuit and output circuit is tested for the prescribed electric
strength values, for example. The test voltage in the high-
voltage range is applied at the input and output terminal
blocks of the power supply. The operating voltage used in
normal operation is a lot lower than the test voltage used.
6.1
High-voltage dielectric test (dielectric strength
test)
In order to protect the user, power supplies (as electric
components with a direct connection to potentially
hazardous voltages) are subject to more stringent safety
requirements. For this reason, permanent safe electrical
isolation between the hazardous input voltage and the
touch-proof output voltage as safety extra-low voltage
(SELV) must always be ensured.
In order to ensure permanent safe isolation of the AC input
circuit and DC output circuit, high-voltage testing is
performed as part of the safety approval process (type test)
and manufacturing (routine test).
6.2
High-voltage dielectric test during the
manufacturing process
During the manufacturing process for the power supply, a
high-voltage test is performed as part of the dielectric test in
accordance with the specifications of IEC/UL/EN 61010-1.
The high-voltage test is performed with a test voltage of at
least 3 kV AC / 4.2 kV DC or higher. Routine manufacturing
tests are inspected regularly by a certification body.
6.3
High-voltage dielectric test performed by the
customer
Apart from routine and type tests to guarantee electrical
safety, the end user does not have to perform another high-
voltage test on the power supply as an individual
component. According to EN 60204-1 (Safety of machinery
- Electrical equipment of machines) the power supply can be
disconnected during the high-voltage test and only installed
once the high-voltage test has been completed.
High-voltage tests up to 2 kV AC / 2.8 kV DC
can be performed as described.
The test voltage should rise and fall in ramp
form. The relevant rise and fall time of the
ramp should be at least two seconds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com