Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

107721 Datasheet(PDF) 15 Page - PHOENIX CONTACT

Part # 107721
Description  QUINT4-PS/1AC/24DC/2.5/SC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

107721 Datasheet(HTML) 15 Page - PHOENIX CONTACT

Back Button 107721 Datasheet HTML 11Page - PHOENIX CONTACT 107721 Datasheet HTML 12Page - PHOENIX CONTACT 107721 Datasheet HTML 13Page - PHOENIX CONTACT 107721 Datasheet HTML 14Page - PHOENIX CONTACT 107721 Datasheet HTML 15Page - PHOENIX CONTACT 107721 Datasheet HTML 16Page - PHOENIX CONTACT 107721 Datasheet HTML 17Page - PHOENIX CONTACT 107721 Datasheet HTML 18Page - PHOENIX CONTACT 107721 Datasheet HTML 19Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
QUINT4-PS/1AC/24DC/2.5/SC
107721_en_00
PHOENIX CONTACT 15 / 28
7
Structure of the power supply
The fanless convection-cooled power supply can be
snapped onto all DIN rails according to EN 60715.
7.1
Function elements
Figure 2
Operating and indication elements
Key
7.2
Device dimensions
Figure 3
Device dimensions (dimensions in mm)
Figure 4
Device dimensions (dimensions in mm)
No.
Designation
1
Connection terminal block signal output (SIG)
DC OK, P
Out > PThr: +24 V DC, 30 mA
2
Connection terminal block output voltage: Output
DC +/-
3
Accommodation for cable binders
4
Integrated snap-on foot for carrier rail mounting
5
QR code web link
6
Connection terminal block input voltage: Input L/N
7
Signaling DC OK LED
8
Rotary selector, status of the output voltage (DC OK)
or output power (P
Out > PThr)
9
Signaling P
Out > PThr LED (yellow): output power
P
Out > output power threshold PThr
10
Potentiometer output voltage
Input AC 100-240V
Output DC 24V 2.5A
Boost > 100%
> 75%
> 50%
DC OK
P>P
U
Out
Thr
Out
24-28V
Signal (SIG)
SIG
+ −−
3.1 2.1 2.2 2.3
1.1 1.2
L/+
N/−
1
2
3
3
33
4
5
6
7
8
9
10
32
Input AC 100-240V
Output DC 24V 2.5A
Boost > 100%
> 75%
> 50%
DC OK
P>P
U
Out
Thr
Out
24-28V
Signal (SIG)
SIG
+ −−
3.1 2.1 2.2 2.3
1.1 1.2
L/+
N/−
90
95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com