Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

107721 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 107721
Description  QUINT4-PS/1AC/24DC/2.5/SC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

107721 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  107721 Datasheet HTML 1Page - PHOENIX CONTACT 107721 Datasheet HTML 2Page - PHOENIX CONTACT 107721 Datasheet HTML 3Page - PHOENIX CONTACT 107721 Datasheet HTML 4Page - PHOENIX CONTACT 107721 Datasheet HTML 5Page - PHOENIX CONTACT 107721 Datasheet HTML 6Page - PHOENIX CONTACT 107721 Datasheet HTML 7Page - PHOENIX CONTACT 107721 Datasheet HTML 8Page - PHOENIX CONTACT 107721 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
QUINT4-PS/1AC/24DC/2.5/SC
107721_en_00
PHOENIX CONTACT
2 / 28
2Table of contents
1
Description .............................................................................................................................. 1
2
Table of contents ..................................................................................................................... 2
3
Ordering data .......................................................................................................................... 3
4
Technical data ......................................................................................................................... 4
5
Safety and installation notes ..................................................................................................12
6
High-voltage test (HIPOT) ..................................................................................................... 13
6.1
High-voltage dielectric test (dielectric strength test)
.................................................................... 13
6.2
High-voltage dielectric test during the manufacturing process
....................................................... 13
6.3
High-voltage dielectric test performed by the customer
............................................................... 13
7
Structure of the power supply ................................................................................................ 15
7.1
Function elements
............................................................................................................. 15
7.2
Device dimensions
............................................................................................................. 15
7.3
Keep-out areas
................................................................................................................. 16
7.4
Block diagram
................................................................................................................... 17
8
Mounting/removing the power supply .................................................................................... 18
8.1
Mounting the power supply unit
............................................................................................. 18
8.2
Removing the power supply unit
............................................................................................ 18
8.3
Fix connection wiring to the power supply
................................................................................ 19
9
Device connection terminal blocks ........................................................................................ 20
9.1
Input
............................................................................................................................... 20
9.2
Protection of the primary side
............................................................................................... 20
9.3
Output
............................................................................................................................ 21
9.4
Protection of the secondary side
............................................................................................ 21
10
Output characteristic curves ..................................................................................................22
11
Boost currents ....................................................................................................................... 23
11.1
Static Boost
...................................................................................................................... 23
11.2
Dynamic Boost
.................................................................................................................. 23
12
Signaling................................................................................................................................ 24
12.1
Rotary selector switch in position DC OK
................................................................................. 24
12.2
Rotary selector switch in position >50 %, >75 % or boost >100 %
.................................................. 24
12.3
Location and function of the signaling elements
......................................................................... 24
12.4
Active signal outputs, digital
................................................................................................. 25
13
Operating modes ................................................................................................................... 26
13.1
Series operation
................................................................................................................ 26
13.2
Parallel operation
............................................................................................................... 26
14
Derating ................................................................................................................................. 28
14.1
Ambient temperature
.......................................................................................................... 28
14.2
Installation height
............................................................................................................... 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com