Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1004 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1004
Description  TUSB1004 USB 3.2 10 Gbps Quad-Channel Adaptive Linear Redriver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1004 Datasheet(HTML) 4 Page - Texas Instruments

  TUSB1004 Datasheet HTML 1Page - Texas Instruments TUSB1004 Datasheet HTML 2Page - Texas Instruments TUSB1004 Datasheet HTML 3Page - Texas Instruments TUSB1004 Datasheet HTML 4Page - Texas Instruments TUSB1004 Datasheet HTML 5Page - Texas Instruments TUSB1004 Datasheet HTML 6Page - Texas Instruments TUSB1004 Datasheet HTML 7Page - Texas Instruments TUSB1004 Datasheet HTML 8Page - Texas Instruments TUSB1004 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
Table 4-1. Pin Functions (continued)
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
SSTX2p
9
I
Differential positive input for USB port 2. Should be connected to USB 3.2 Host transmit
port through an external 220 nF AC-coupling capacitor.
SSTX2n
10
I
Differential positive input for USB port 2. Should be connected to USB 3.2 Host transmit
port through an external 220 nF AC-coupling capacitor.
NC
11
No internal connection.
SSRX2p
12
O
Differential positive output for USB port 2. Should be connected to USB 3.2 Host receiver
port through an external 220 nF AC-coupling capacitor.
SSRX2n
13
O
Differential negative output for USB port 2. Should be connected to USB 3.2 Host receiver
port through an external 220 nF AC-coupling capacitor.
VIO_SEL
14
4-level I
(PU/PD)
Selects the input thresholds for I2C (SDA and SCL).
"0": I2C 3.3 V
"R": I2C 1.8 V
"F": I2C 3.3 V.
"1": I2C 1.8 V.
SSTX1p
15
I
Differential positive input for USB port 1. Should be connected to USB 3.2 Host transmit
port through an external 220 nF AC-coupling capacitor.
SSTX1n
16
I
Differential negative input for USB port 1. Should be connected to USB 3.2 Host transmit
port through an external 220 nF AC-coupling capacitor.
MODE
17
4-level I
(PU/PD)
This pin selects whether device is in I2C mode or pin-strap mode. Refer to Table 7-4 for
details.
SSRX1p
18
O
Differential positive output for USB port 1. Should be connected to USB 3.2 Host receiver
port through an external 220 nF AC-coupling capacitor.
SSRX1n
19
O
Differential negative output for USB port 1. Should be connected to USB 3.2 Host receiver
port through an external 220 nF AC-coupling capacitor.
VCC
20
P
3.3 V supply
TEST2/SCL
21
I
In I2C mode, this pin functions as I2C clock.
In pin-strap mode, this pin is used for TI internal test and should be pull-down or tied to
GND for normal operation.
AEQENZ/SDA
22
I/O
In I2C mode, this pin functions as I2C data. In pin-strap mode, this pin controls whether or
not AEQ is enabled.
0: AEQ enabled
1: AEQ disabled
AEQCFG
23
4-level I
(PU/PD)
In pin-strap mode, this pin controls the FULLAEQ_UPPER_EQ limit. In I2C mode, this
function is controlled by the FULLAEQ_UPPER_EQ register.
"0": FULLAEQ_UPPER_EQ = Ah
"R": FULLAEQ_UPPER_EQ = Fh
"F": FULLAEQ_UPPER_EQ = 8h
"1": FULLAEQ_UPPER_EQ = Ch
NC
24
No internal connection
NC
25
No internal connection
EN
26
I
(PU)
When low, the differential receiver's termination will be disabled and differential drivers will
be disabled. On rising edge of EN, device will sample four-level inputs and function based
on the sampled state of the pins. This pin has a internal 500k pull-up to VCC. Please note
this pin will also reset internal configuration registers.
TEST1
27
I
TI Test1. Under normal operations this pin shall be connected directly or pulled up to VCC.
VCC
28
P
3.3 V supply
CEQ1
29
4-level I
(PU/PD)
In pin-strap mode, this pin along with CEQ0 selects the receiver EQ for CRX1 and/or
CRX2 (Refer to Table 7-2).
CRX1n
30
I
Differential negative input for USB port 1. Should be connected to SSRXn pin of USB
connector. Connection can be DC-coupled to USB connector. Optionally, connection can
be through an external 330 nF AC-coupling capacitor.
TUSB1004
SLLSFL3 – APRIL 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TUSB1004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com