Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1004 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1004
Description  TUSB1004 USB 3.2 10 Gbps Quad-Channel Adaptive Linear Redriver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1004 Datasheet(HTML) 1 Page - Texas Instruments

  TUSB1004 Datasheet HTML 1Page - Texas Instruments TUSB1004 Datasheet HTML 2Page - Texas Instruments TUSB1004 Datasheet HTML 3Page - Texas Instruments TUSB1004 Datasheet HTML 4Page - Texas Instruments TUSB1004 Datasheet HTML 5Page - Texas Instruments TUSB1004 Datasheet HTML 6Page - Texas Instruments TUSB1004 Datasheet HTML 7Page - Texas Instruments TUSB1004 Datasheet HTML 8Page - Texas Instruments TUSB1004 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
TUSB1004 USB 3.2 10 Gbps Quad-Channel Adaptive Linear Redriver
1 Features
• USB 3.2 5 Gbps and 10 Gbps support
– Two independent USB 3.2 ports
• Advanced USB power management
– Active: 550 mW (typical)
– Disconnect: 1.7 mW
– Disabled (EN = L): 0.130 mW
• 16 EQ settings up to 12 dB at 5 GHz
• Choice between adaptive or fixed receiver
equalization for ports facing USB connector
• Choice between linear or limited redriver for ports
facing the system (SSRX1/2 transmitters)
• Less than 1 V VTX-CM and VRX-CM
• Configuration through I2C or pin-strap
• Selection between 1.8 V or 3.3 V I2C levels
• Operates from a single 3.3 V supply
2 Applications
• Notebooks and desktops
• Docking stations
• Data storage
• Connected peripherals and printers
Description
The TUSB1004 is a 10 Gbps USB 3.2 quad channel
linear redriver for USB Type-A applications. The
TUSB1004 is intended to reside between a Host and
a USB receptacle or between a USB device and a
USB receptacle. The TUSB1004 supports both USB
3.2 Gen2 (10 Gbps) and Gen1 (5 Gbps) as well as
USB 3.2 low power states (Disconnect, U1, U2, and
U3).
The TUSB1004 incorporates an innovative, adaptive
receiver equalization (AEQ) feature. The AEQ feature
will automatically determine what it believes is
the best ISI compensation settings between the
TUSB1004 and USB device plugged into the USB
connector resulting in improved interoperability.
The TUSB1004 operates from a single 3.3 V supply
and is available in a 40-pin WQFN package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TUSB1004
WQFN (40)
4.00 mm × 6.00 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Spacer
USB 3.2 Host
TUSB1004
SSTX2p
SSTX2n
SSRX2p
SSRX2n
SSTX2P
SSTX2n
SSRX2p
SSRX2n
CTX2p
CTX2n
CRX2p
CRX2n
TXp
TXn
RXp
RXn
SSTX1p
SSTX1n
SSRX1p
SSRX1n
CTX1p
CTX1n
CRX1p
CRX1n
SSTX1p
SSTX1n
SSRX1p
SSRX1n
TXp
TXn
RXp
RXn
Simplified Schematic
TUSB1004
SLLSFL3 – APRIL 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TUSB1004

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB1002 TI1-TUSB1002 Datasheet
1Mb / 28P
USB3.1 10 Gbps Dual-Channel Linear Redriver
TUSB1002A TI1-TUSB1002A Datasheet
1Mb / 31P
USB3.2 10 Gbps Dual-Channel Linear Redriver
TUSB1002A TI2-TUSB1002A Datasheet
2Mb / 38P
TUSB1002A USB3.2 10Gbps Dual-Channel Linear Redriver
REVISED JULY 2024
TUSB1002AI TI1-TUSB1002AI Datasheet
1Mb / 31P
USB3.2 10 Gbps Dual-Channel Linear Redriver
TUSB1002AI TI2-TUSB1002AI Datasheet
2Mb / 38P
TUSB1002A USB3.2 10Gbps Dual-Channel Linear Redriver
REVISED JULY 2024
More results

Similar Description - TUSB1004

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB1002 TI1-TUSB1002 Datasheet
1Mb / 28P
USB3.1 10 Gbps Dual-Channel Linear Redriver
TUSB1042I TI1-TUSB1042I Datasheet
695Kb / 33P
USB Type-C 10 Gbps 2:1 Linear Redriver Switch
TUSB1042I TI1-TUSB1042I_17 Datasheet
1Mb / 39P
USB Type-C 10 Gbps 2:1 Linear Redriver Switch
TUSB1002A TI1-TUSB1002A Datasheet
1Mb / 31P
USB3.2 10 Gbps Dual-Channel Linear Redriver
TUSB1044 TI1-TUSB1044_18 Datasheet
2Mb / 67P
USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
logo
ON Semiconductor
NB7NPQ1004M ONSEMI-NB7NPQ1004M Datasheet
197Kb / 11P
3.3V USB 3.1 Gen-2 10Gbps Quad Channel Dual Port Linear Redriver
June, 2018 ??Rev. 0
NB7NPQ7041M ONSEMI-NB7NPQ7041M Datasheet
105Kb / 9P
3.3V USB 3.1 Quad Channel / Dual Port Linear Redriver
January, 2018 ??Rev. 1
logo
Texas Instruments
TUSB1104 TI-TUSB1104 Datasheet
1Mb / 55P
TUSB1104 USB Type-C??10 Gbps USB 3.2 x2 Adaptive Linear Redriver
APRIL 2022
TUSB1142 TI-TUSB1142 Datasheet
1Mb / 55P
TUSB1142 USB Type-C??10 Gbps USB 3.2 2:1/1:2 Mux/DeMux Adaptive Linear Redriver
APRIL 2022
logo
ON Semiconductor
NB7NPQ1204EM ONSEMI-NB7NPQ1204EM Datasheet
290Kb / 12P
3.3 V USB 3.1 Gen-2 10Gbps Quad Channel Dual Port Linear Redriver
September, 2022 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com