Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1004 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1004
Description  TUSB1004 USB 3.2 10 Gbps Quad-Channel Adaptive Linear Redriver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1004 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TUSB1004 Datasheet HTML 35Page - Texas Instruments TUSB1004 Datasheet HTML 36Page - Texas Instruments TUSB1004 Datasheet HTML 37Page - Texas Instruments TUSB1004 Datasheet HTML 38Page - Texas Instruments TUSB1004 Datasheet HTML 39Page - Texas Instruments TUSB1004 Datasheet HTML 40Page - Texas Instruments TUSB1004 Datasheet HTML 41Page - Texas Instruments TUSB1004 Datasheet HTML 42Page - Texas Instruments TUSB1004 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
Table 7-24. AEQ1_STATUS Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
3-0
AEQ1_EQ_STAT
RH
0h
Optimal EQ determined by FSM after the completion of Full AEQ.
This field will also indicate EQ used for Fast AEQ. This field will
include the value programmed into OVER_EQ_CTRL field.
7.6.1.16 AEQ2_STATUS Register (Offset = 3Ch) [Reset = 00h]
AEQ2_STATUS is shown in Table 7-25.
Return to the Table 7-8.
This register provides the status of AEQ function.
Table 7-25. AEQ2_STATUS Register Field Descriptions
Bit
Field
Type
Reset
Description
7-5
RESERVED
R
0h
Reserved
4
RESERVED
RH
0h
Reserved
3-0
AEQ2_EQ_STAT
RH
0h
Optimal EQ determined by FSM after the completion of Full AEQ.
This field will also indicate EQ used for Fast AEQ. This field will
include the value programmed into OVER_EQ_CTRL field.
7.6.1.17 AEQ_CONTROL_AUX1 Register (Offset = 50h) [Reset = 00h]
AEQ_CONTROL_AUX1 is shown in Table 7-26.
Return to the Table 7-8.
Table 7-26. AEQ_CONTROL_AUX1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-6
RESERVED
R
0h
Reserved
5-2
RESERVED
R
0h
Reserved
1-0
RESERVED
R
0h
Reserved
7.6.1.18 AEQ_CONTROL_AUX2 Register (Offset = 51h) [Reset = 07h]
AEQ_CONTROL_AUX2 is shown in Table 7-27.
Return to the Table 7-8.
Table 7-27. AEQ_CONTROL_AUX2 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-5
RESERVED
R
0h
Reserved
4
EQ_MERGE
R/W
0h
Initial EQ result merge control. This field controls how the EQ results
from the positive and negative VOD offsets steps are merged to
produce the initial EQ value. This field is applicable only when the
AEQ_MODE field is set to 2'b10.
0h = Use max of pos/neg VOD EQs
1h = Use min of pos/neg VOD EQs
3-0
MID_HC_EQ
R/W
7h
Sets EQ value during the mid-eye hit-count capture step. This field is
applicable only when the AEQ_MODE field is set to 2'b10 or 2'b11.
7.6.1.19 AEQ_CONTROL_AUX3 Register (Offset = 52h) [Reset = 86h]
AEQ_CONTROL_AUX3 is shown in Table 7-28.
Return to the Table 7-8.
www.ti.com
TUSB1004
SLLSFL3 – APRIL 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: TUSB1004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com