Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT17-075 Datasheet(PDF) 2 Page - Applied Motion Products, Inc.

Part # HT17-075
Description  Si 2035 Programmable Stepper Drive
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMP [Applied Motion Products, Inc.]
Direct Link  https://www.applied-motion.com/
Logo AMP - Applied Motion Products, Inc.

HT17-075 Datasheet(HTML) 2 Page - Applied Motion Products, Inc.

  HT17-075 Datasheet HTML 1Page - Applied Motion Products, Inc. HT17-075 Datasheet HTML 2Page - Applied Motion Products, Inc. HT17-075 Datasheet HTML 3Page - Applied Motion Products, Inc. HT17-075 Datasheet HTML 4Page - Applied Motion Products, Inc. HT17-075 Datasheet HTML 5Page - Applied Motion Products, Inc. HT17-075 Datasheet HTML 6Page - Applied Motion Products, Inc. HT17-075 Datasheet HTML 7Page - Applied Motion Products, Inc. HT17-075 Datasheet HTML 8Page - Applied Motion Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Si2035 Programmable Stepper Drive
Si 2035 Technical Specifications
POWER AMPLIFIER SECTION:
AMPLIFIER TYPE
Bipolar Darlington dual H-Bridge.
CURRENT CONTROL
Recirculating, pulse width modulated, switching at 26 KHz.
OUTPUT CURRENT
0.2–2.0 amps, software selectable.
DC BUS VOLTAGE
35 VDC.
AC INPUT VOLTAGE
110 or 220 VAC (switch selectable) 50/60 Hz.
MAXIMUM OUTPUT POWER
70 Watts.
IDLE CURRENT REDUCTION
0%, 25%, 50%, or 100% software selectable.
MOTOR RESOLUTION
13 resolutions. Steps per revolution with 1.8° motor:
2000, 5000, 10000, 12800, 18000, 20000, 21600, 25000,
25400, 25600, 36000, 50000, 50800, software selectable.
STATUS LED'S
AC power (red).
CONTROLLER SECTION:
SERIAL COMMUNICATION
RS-232 programming and MMI port.
INPUTS
8 user programmable inputs. Can be used for triggering,
sensing, homing, branching, jogging, limits or interrupts. 12-24 VDC.
OUTPUTS
3 general purpose, optically isolated 30 VDC outputs for interfacing to
other equipment. Open collector and emitter. 100 mA max.
PARAMETER RANGES
Distance: 1 to 16,000,000 steps. Speed: .025 to 50 revolutions per sec
ond (in any microstep resolution). Acceleration: 1 to 3,000 rev/sec/sec.
Deceleration: 1 to 3,000 rev/sec/sec (set independently from accelera
tion). Time Delays: 0.01 to 300 seconds. Output Pulse Widths: 2 to
500 milliseconds. Iterations per repeat loop: 1 to 65,535.
OPERATOR INTERFACE (MMI)
NEMA 4/12 rated (splash proof & dust proof). 4 x 20
characters liquid crystal display (LCD)standard or backlit.
20 key membrane keypad. Overall size: 4.9 x 4.9 x 1.42 inches.
SYSTEM SPECIFICATIONS:
OVERALL SIZE
1.75" x 4.00" x 6.80"
CHASSIS MATERIAL
Aluminum, black anodized with integral Transfer Plate.
CASE
Steel with black paint and white epoxy silk screen.
WEIGHT
3 Lbs.
AMBIENT TEMPERATURE
0° to 50°C (32° to 122°F)
HUMIDITY
Maximum of 90% non-condensing.
CONNECTORS
Screw terminal connectors for input power and motor. DB25 for
input/output signals. Mating connectors included.
MOTORS
Can drive 4, 6 or 8 lead motors, NEMA sizes 8, 11, 17 and smaller 23
frame size motors.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com