Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT17-075 Datasheet(PDF) 6 Page - Applied Motion Products, Inc.

Part # HT17-075
Description  Si 2035 Programmable Stepper Drive
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMP [Applied Motion Products, Inc.]
Direct Link  https://www.applied-motion.com/
Logo AMP - Applied Motion Products, Inc.

HT17-075 Datasheet(HTML) 6 Page - Applied Motion Products, Inc.

  HT17-075 Datasheet HTML 1Page - Applied Motion Products, Inc. HT17-075 Datasheet HTML 2Page - Applied Motion Products, Inc. HT17-075 Datasheet HTML 3Page - Applied Motion Products, Inc. HT17-075 Datasheet HTML 4Page - Applied Motion Products, Inc. HT17-075 Datasheet HTML 5Page - Applied Motion Products, Inc. HT17-075 Datasheet HTML 6Page - Applied Motion Products, Inc. HT17-075 Datasheet HTML 7Page - Applied Motion Products, Inc. HT17-075 Datasheet HTML 8Page - Applied Motion Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Si2035 Programmable Stepper Drive
Torque Curves
Si 2035 with NEMA 11, 14, 17 Step Motors
HT11-012 MOTOR
Motor Connection: 4 Lead Bipolar
Drive Setting: 1/10th Step • 1.0 A/Phase
Dynamic
Torque
(oz-in)
rev/sec
0
5
10
15
20
25
30
35
40
0
5
10
5014-842 MOTOR
Motor Connection: Parallel
Drive Setting: Full, Half Step • 1.0 A/Phase
Dynamic
Torque
(oz-in)
rev/sec
0
5
10
15
20
25
30
35
40
0
5
10
15
20
25
HT17-071 MOTOR
Motor Connection: Parallel
Drive Setting: 1/10th Step • 1.75 A/Phase
Dynamic
Torque
(oz-in)
rev/sec
0
5
10
15
20
25
30
35
40
0
5
10
15
20
25
30
35
HT17-075 MOTOR
Motor Connection: Parallel
Drive Setting: Full, Half Step • 1.75 A/Phase
Dynamic
Torque
(oz-in)
rev/sec
0
5
10
15
20
25
30
35
40
0
10
20
30
40
50
60
HT11-013 MOTOR
Motor Connection: 4 Lead Bipolar
Drive Setting: 1/10th Step • 1.0 A/Phase
Dynamic
Torque
(oz-in)
rev/sec
0
5
10
15
20
25
30
35
40
0
5
10
HT17-068 MOTOR
Motor Connection: Parallel
Drive Setting: 1/10th Step • 1.375 A/Phase
Dynamic
Torque
(oz-in)
rev/sec
0
5
10
15
20
25
30
35
40
0
5
10
15
20
25



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com