Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT17-075 Datasheet(PDF) 1 Page - Applied Motion Products, Inc.

Part # HT17-075
Description  Si 2035 Programmable Stepper Drive
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMP [Applied Motion Products, Inc.]
Direct Link  https://www.applied-motion.com/
Logo AMP - Applied Motion Products, Inc.

HT17-075 Datasheet(HTML) 1 Page - Applied Motion Products, Inc.

  HT17-075 Datasheet HTML 1Page - Applied Motion Products, Inc. HT17-075 Datasheet HTML 2Page - Applied Motion Products, Inc. HT17-075 Datasheet HTML 3Page - Applied Motion Products, Inc. HT17-075 Datasheet HTML 4Page - Applied Motion Products, Inc. HT17-075 Datasheet HTML 5Page - Applied Motion Products, Inc. HT17-075 Datasheet HTML 6Page - Applied Motion Products, Inc. HT17-075 Datasheet HTML 7Page - Applied Motion Products, Inc. HT17-075 Datasheet HTML 8Page - Applied Motion Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Si 2035 Programmable
Stepper Drive
Description
The Si2035 is a programmable stepper drive/
indexer packaged in a rugged steel case . Integral
heat sink, mounting brackets, switch covers and
connectors are included with each Si2035. The
drive/indexer has been matched with nine
recommended NEMA 11, 14, 17 and 23 motors
and comes with all operating software necessary to
create a complete stepper motion solution.
The Si2035 includes Applied Motion Products' ,
Microsoft Windows based, Si™ software language
for quick set up and ease of use. The Si™ is ideal
for stand-alone operation. For more experienced
users, with software development expertise, the
Si2035 also comes with Applied' s Si Command
Language (SCL) programming instruction set. SCL
allows for control of the Si™ drive from a host PC
or PLC thus permitting the user to perform a
variety of motion, I/O tasks and system status
retrieval via the host.
Multiple axis applications are handled by our
SiNet™ Hub Programmer, which gives you the
ability to control up to 8 Si™ drives, either stepper
or servo on the same hub. Not only can you
coordinate up to eight motors, the hub also has
access to the inputs and outputs of all the drives,
providing your program with up to 64 inputs and
24 outputs. You can also use Applied' s MMI
which allows the machine operator to enter
specific motion commands. Factory set to operate
at 110-volt input; the Si2035 can be set by the user
to operate at 220-volt input by a simply switch
selection.
Pluggable screw terminal blocks are provided for
the I/O, motor and AC power inputs. Mating
connectors, programming cable with computer
interface connector as well as all operating
software are provided with each Si™ drive.
Features:
• Si™ , Si Command Language (SCL) or SiNet Hub pro-
gramming languages included with drive
• AC input 110V or 220V switch selectable, 50-60 Hz
• DC bus voltage 28 VDC full load, 35 VDC nominal
• Software selectable motor current from 0.2 - 2.0 amps/
phase
• Software selectable motor resolution from 2,000 to
50,800 steps per revolution
• Software selectable idle current reduction 0, 25%, 50%
or 100%
• Eight optically isolated programmable inputs 12 – 24
VDC. 2,200 ohms internal resistance. Can be config-
ured for sinking (NPN) or sourcing (PNP) signals.
• Three optically isolated programmable outputs 30V max
VDC, 100mA maximum
• One 0 - 5 VDC analog input ( supported by SCL only )
• RS-232 for PC/MMI communications
• Dual H-bridge, pulse width modulated amplifier switch-
ing at 26 KHz


Similar Part No. - HT17-075

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HT17-075 ETC2-HT17-075 Datasheet
80Kb / 3P
NEMA 17 High Torque Step Motor
logo
Applied Motion Products...
HT17-075 AMP-HT17-075 Datasheet
55Kb / 2P
1035D Dual Step Drive Full & Half Stepping 1.0 amps, 35 VDC
HT17-075 AMP-HT17-075 Datasheet
54Kb / 2P
2035 Step Motor Drive Full & Half Stepping 2.0 amps, 35 VDC
HT17-075 AMP-HT17-075 Datasheet
56Kb / 2P
2035 O Step Motor Drive with Oscillator Full & Half Stepping 2.0 amps, 35 VDC
HT17-075 AMP-HT17-075 Datasheet
101Kb / 2P
2035XD Step Motor Drive with Oscillator 2 Axis Full, Half and Microstep Programmable Digital Oscillator or Pulse Direction 2.0 amps, 35 VDC
More results

Similar Description - HT17-075

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1717 TI-UC1717 Datasheet
515Kb / 9P
Stepper Motor Drive Circuit
logo
List of Unclassifed Man...
TDA3717 ETC1-TDA3717 Datasheet
270Kb / 6P
STEPPER MOTOR DRIVE CIRCUIT
logo
Texas Instruments
UC3717Q TI-UC3717Q Datasheet
479Kb / 10P
Stepper Motor Drive Circuit
logo
STMicroelectronics
AN1495 STMICROELECTRONICS-AN1495 Datasheet
714Kb / 25P
Microstepping stepper motor drive
26-Sep-2012
logo
List of Unclassifed Man...
BLUAC5-SI ETC2-BLUAC5-SI Datasheet
202Kb / 3P
Si Programmable Servo Drive
SV7-SI-AE ETC2-SV7-SI-AE Datasheet
203Kb / 4P
Si Programmable Servo Drive
SV7-SI-AF ETC2-SV7-SI-AF Datasheet
203Kb / 4P
Si Programmable Servo Drive w/ Encoder outputs
logo
Leadshine Technology Co...
CS3E LEADSHINE-CS3E Datasheet
896Kb / 9P
CS3E Series Stepper Drive
EM2RS LEADSHINE-EM2RS Datasheet
737Kb / 7P
EM2RS Series Stepper Drive
EM3E LEADSHINE-EM3E Datasheet
567Kb / 7P
EM3E Series Stepper Drive
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com