Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT17-075 Datasheet (PDF) - Applied Motion Products, Inc.

HT17-075 Datasheet PDF - Applied Motion Products, Inc.
Part # HT17-075
Download  HT17-075 Download
File Size   56.77 Kbytes
Page   2 Pages
Manufacturer  AMP [Applied Motion Products, Inc.]
Direct Link  https://www.applied-motion.com/
Logo AMP - Applied Motion Products, Inc.
Description 2035 O Step Motor Drive with Oscillator Full & Half Stepping 2.0 amps, 35 VDC

HT17-075 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT17-075 Datasheet PDF - Applied Motion Products, Inc.

Part # HT17-075
Download  HT17-075 Click to download

File Size   56.77 Kbytes
Page   2 Pages
Manufacturer  AMP [Applied Motion Products, Inc.]
Direct Link  https://www.applied-motion.com/
Logo AMP - Applied Motion Products, Inc.
Description 2035 O Step Motor Drive with Oscillator Full & Half Stepping 2.0 amps, 35 VDC

HT17-075 Datasheet (HTML) - Applied Motion Products, Inc.


HT17-075 Product details

Features
• DC bus voltage 12-35 VDC motor supply (including
ripple)
• Switch selectable motor current from 0.125–2.0
amps/phase
• Switch selectable full or half step
• Switch selectable idle current reduction, 0 or 50%
• Optically isolated 5–24 VDC inputs, step, direction
and enable
• Enable input to turn off current to the motor
• On-board oscillator generates step pulses and
accel/decel ramps
• On-board trimpot or external speed adjustment
• Optically isolated 5–24 VDC Tach output for monitoring
speed
• 70 watts of usable power
• Screw terminal connectors
• Dual H-bridge, inaudible PWM amplifier
• 3 state, pulse width modulated current control,
switching at 20–30 KHz
• Drives 4, 6 or 8 lead size 11, 14, 17 or 23 step
motors
• CE compliant
Description
The 2035O step motor driver is a full or half step
drive, step phase sequencer with three state
switching amplifiers and optoisolated circuits.
This drive has a built in ramping pulse generator
(oscillator) with adjustable speed, acceleration
and deceleration. Oscillator speed range is 0–
5,000 Hz. Speed can be set from on-board trimpot
or external pot.
A jumper allows you to select the internal oscillator.
In oscillator mode, the pulse input becomes a run/
stop signal: when this signal is set high, the motor
accelerates to a preset speed and slews. Lowering
the input signal causes the drive to decelerate to
rest.
The amplifier regulates motor current by chopping
at a constant, inaudible frequency. Phase current is
selected from 16 levels by a DIP switch.




Similar Part No. - HT17-075

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HT17-075 ETC2-HT17-075 Datasheet
80Kb / 3P
NEMA 17 High Torque Step Motor
logo
Applied Motion Products...
HT17-075 AMP-HT17-075 Datasheet
55Kb / 2P
1035D Dual Step Drive Full & Half Stepping 1.0 amps, 35 VDC
HT17-075 AMP-HT17-075 Datasheet
54Kb / 2P
2035 Step Motor Drive Full & Half Stepping 2.0 amps, 35 VDC
HT17-075 AMP-HT17-075 Datasheet
101Kb / 2P
2035XD Step Motor Drive with Oscillator 2 Axis Full, Half and Microstep Programmable Digital Oscillator or Pulse Direction 2.0 amps, 35 VDC
HT17-075 AMP-HT17-075 Datasheet
53Kb / 2P
3535 Step Motor Drive Full & Half Stepping 3.5 amps, 35 VDC
More results


Similar Description - HT17-075

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8495SB PANASONIC-AN8495SB Datasheet
119Kb / 2P
Stepping Motor Drive IC
logo
List of Unclassifed Man...
2035 ETC2-2035 Datasheet
209Kb / 4P
DC Full/Half Step Drive
2035O ETC2-2035O Datasheet
213Kb / 4P
DC Full/Half Step Drive w/ Oscillator
logo
Applied Motion Products...
1035D AMP-1035D Datasheet
55Kb / 2P
1035D Dual Step Drive Full & Half Stepping 1.0 amps, 35 VDC
2035 AMP-2035 Datasheet
54Kb / 2P
2035 Step Motor Drive Full & Half Stepping 2.0 amps, 35 VDC
2035XD AMP-2035XD Datasheet
101Kb / 2P
2035XD Step Motor Drive with Oscillator 2 Axis Full, Half and Microstep Programmable Digital Oscillator or Pulse Direction 2.0 amps, 35 VDC
3535-O AMP-3535-O Datasheet
57Kb / 2P
3535 O Step Motor Drive with Oscillator Full & Half Step 3.5 amps, 35 VDC
3535 AMP-3535 Datasheet
53Kb / 2P
3535 Step Motor Drive Full & Half Stepping 3.5 amps, 35 VDC
7080 AMP-7080 Datasheet
74Kb / 4P
7080 Step Motor Drive Microstepping 7.0 amps, 80 VDC
7080I AMP-7080I Datasheet
75Kb / 4P
7080i Programmable Step Motor Indexer/Drive Microstepping 7.0 amps, 80 VDC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com