Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT17-075 Datasheet (PDF) - Applied Motion Products, Inc.

HT17-075 Datasheet PDF - Applied Motion Products, Inc.
Part # HT17-075
Download  HT17-075 Download
File Size   55.01 Kbytes
Page   2 Pages
Manufacturer  AMP [Applied Motion Products, Inc.]
Direct Link  https://www.applied-motion.com/
Logo AMP - Applied Motion Products, Inc.
Description 1035D Dual Step Drive Full & Half Stepping 1.0 amps, 35 VDC

HT17-075 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT17-075 Datasheet PDF - Applied Motion Products, Inc.

Part # HT17-075
Download  HT17-075 Click to download

File Size   55.01 Kbytes
Page   2 Pages
Manufacturer  AMP [Applied Motion Products, Inc.]
Direct Link  https://www.applied-motion.com/
Logo AMP - Applied Motion Products, Inc.
Description 1035D Dual Step Drive Full & Half Stepping 1.0 amps, 35 VDC

HT17-075 Datasheet (HTML) - Applied Motion Products, Inc.


HT17-075 Product details

Features
• Accepts 12 – 35 VDC power supply (including
ripple)
• Adjustable motor current: 0 to 1.0 amps/phase.
• Full or half step (jumper selectable), quarter
stepping available for OEM
• Compact size (1.0 x 2.4 x 3.55 inches)
• Mounts on DIN rail
• Optically isolated 5 – 24V step and direction inputs
can be configured for sinking or sourcing
logic
• Automatic idle current reduction.
• Drives 4, 6 or 8 lead step motors, sizes 11 – 23
• Compatible step motors available from stock
• Lightweight, rugged molded case
• Pluggable, screw terminal connectors
• CE compliant
Description
The 1035D consists of two stepper drives that can
operate in full or half step mode. Each driver can be
individually controlled via its step and direction inputs.
Each driver includes an automatic feature to
lower motor current anytime the motor is left at
rest for more than one-half second.
The amplifiers regulate motor current by chopping
at a constant, inaudible frequency. Phase current
for each axis is independently adjustable by front
panel potentiometers.




Similar Part No. - HT17-075

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HT17-075 ETC2-HT17-075 Datasheet
80Kb / 3P
NEMA 17 High Torque Step Motor
logo
Applied Motion Products...
HT17-075 AMP-HT17-075 Datasheet
54Kb / 2P
2035 Step Motor Drive Full & Half Stepping 2.0 amps, 35 VDC
HT17-075 AMP-HT17-075 Datasheet
56Kb / 2P
2035 O Step Motor Drive with Oscillator Full & Half Stepping 2.0 amps, 35 VDC
HT17-075 AMP-HT17-075 Datasheet
101Kb / 2P
2035XD Step Motor Drive with Oscillator 2 Axis Full, Half and Microstep Programmable Digital Oscillator or Pulse Direction 2.0 amps, 35 VDC
HT17-075 AMP-HT17-075 Datasheet
53Kb / 2P
3535 Step Motor Drive Full & Half Stepping 3.5 amps, 35 VDC
More results


Similar Description - HT17-075

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2035 ETC2-2035 Datasheet
209Kb / 4P
DC Full/Half Step Drive
2035O ETC2-2035O Datasheet
213Kb / 4P
DC Full/Half Step Drive w/ Oscillator
2035XD ETC2-2035XD Datasheet
190Kb / 4P
DC Dual-Axis Full/Half/Microstep Drive
logo
Applied Motion Products...
2035-O AMP-2035-O Datasheet
56Kb / 2P
2035 O Step Motor Drive with Oscillator Full & Half Stepping 2.0 amps, 35 VDC
2035 AMP-2035 Datasheet
54Kb / 2P
2035 Step Motor Drive Full & Half Stepping 2.0 amps, 35 VDC
2035XD AMP-2035XD Datasheet
101Kb / 2P
2035XD Step Motor Drive with Oscillator 2 Axis Full, Half and Microstep Programmable Digital Oscillator or Pulse Direction 2.0 amps, 35 VDC
3535-O AMP-3535-O Datasheet
57Kb / 2P
3535 O Step Motor Drive with Oscillator Full & Half Step 3.5 amps, 35 VDC
3535 AMP-3535 Datasheet
53Kb / 2P
3535 Step Motor Drive Full & Half Stepping 3.5 amps, 35 VDC
7080 AMP-7080 Datasheet
74Kb / 4P
7080 Step Motor Drive Microstepping 7.0 amps, 80 VDC
7080I AMP-7080I Datasheet
75Kb / 4P
7080i Programmable Step Motor Indexer/Drive Microstepping 7.0 amps, 80 VDC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com