Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT17-075 Datasheet (PDF) - Applied Motion Products, Inc.

HT17-075 Datasheet PDF - Applied Motion Products, Inc.
Part # HT17-075
Download  HT17-075 Download
File Size   101.43 Kbytes
Page   2 Pages
Manufacturer  AMP [Applied Motion Products, Inc.]
Direct Link  https://www.applied-motion.com/
Logo AMP - Applied Motion Products, Inc.
Description 2035XD Step Motor Drive with Oscillator 2 Axis Full, Half and Microstep Programmable Digital Oscillator or Pulse Direction 2.0 amps, 35 VDC

HT17-075 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT17-075 Datasheet PDF - Applied Motion Products, Inc.

Part # HT17-075
Download  HT17-075 Click to download

File Size   101.43 Kbytes
Page   2 Pages
Manufacturer  AMP [Applied Motion Products, Inc.]
Direct Link  https://www.applied-motion.com/
Logo AMP - Applied Motion Products, Inc.
Description 2035XD Step Motor Drive with Oscillator 2 Axis Full, Half and Microstep Programmable Digital Oscillator or Pulse Direction 2.0 amps, 35 VDC

HT17-075 Datasheet (HTML) - Applied Motion Products, Inc.


HT17-075 Product details

Features
• DC bus voltage 12-35 VDC motor supply (including
ripple)
• Software programmable motor current, 0.1–2.0
amps/phase
• Software programmable step size, 200–50800
steps/rev
• Automatic idle current reduction
• Four optically isolated digital inputs: step/run 1,
step/run 2, direction 1, direction 2
• Two analog inputs, 10 bit resolution, 0 - 5VDC
• On-board oscillator generates step pulses and
accel/decel ramps
• Fixed speed or proportional to analog input
• Optically isolated 5–24 VDC Tach output for
monitoring speed
• 70 watts of usable power per axis
• Screw terminal connectors
• Dual H-bridge, inaudible PWM amplifier
• 3 state, pulse width modulated current control,
switching at 20–30 KHz
• Drives 4, 6 or 8 lead size 11, 14, 17 or 23 step
motors
Description
The 2035XD step motor driver is a two axis, software
configured step/direction or oscillator drive.
Drives can be quickly and precisely configured using
our eXposition™ software and a Windows PC.
When configured for pulse/direction mode, the two
drives can be commanded by the step and direction
signals available from many PLCs and step motor
indexers.
In oscillator mode, the two drives generate their
own acceleration and deceleration profiles and are
commanded by digital run/stop signals. These signals
can be supplied by PLCs, mechanical
switches, single board computers or other motion
control devices. Speeds may be fixed or can be set
“on the fly” by 0 to 5 volt analog signals.




Similar Part No. - HT17-075

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HT17-075 ETC2-HT17-075 Datasheet
80Kb / 3P
NEMA 17 High Torque Step Motor
logo
Applied Motion Products...
HT17-075 AMP-HT17-075 Datasheet
55Kb / 2P
1035D Dual Step Drive Full & Half Stepping 1.0 amps, 35 VDC
HT17-075 AMP-HT17-075 Datasheet
54Kb / 2P
2035 Step Motor Drive Full & Half Stepping 2.0 amps, 35 VDC
HT17-075 AMP-HT17-075 Datasheet
56Kb / 2P
2035 O Step Motor Drive with Oscillator Full & Half Stepping 2.0 amps, 35 VDC
HT17-075 AMP-HT17-075 Datasheet
53Kb / 2P
3535 Step Motor Drive Full & Half Stepping 3.5 amps, 35 VDC
More results


Similar Description - HT17-075

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2035O ETC2-2035O Datasheet
213Kb / 4P
DC Full/Half Step Drive w/ Oscillator
2035XD ETC2-2035XD Datasheet
190Kb / 4P
DC Dual-Axis Full/Half/Microstep Drive
3540MO ETC2-3540MO Datasheet
208Kb / 4P
DC Microstep Drive w/ Oscillator
PDO5580 ETC2-PDO5580 Datasheet
188Kb / 4P
AC Microstep Drive w/ Oscillator
logo
Applied Motion Products...
1035D AMP-1035D Datasheet
55Kb / 2P
1035D Dual Step Drive Full & Half Stepping 1.0 amps, 35 VDC
2035-O AMP-2035-O Datasheet
56Kb / 2P
2035 O Step Motor Drive with Oscillator Full & Half Stepping 2.0 amps, 35 VDC
2035 AMP-2035 Datasheet
54Kb / 2P
2035 Step Motor Drive Full & Half Stepping 2.0 amps, 35 VDC
3535-O AMP-3535-O Datasheet
57Kb / 2P
3535 O Step Motor Drive with Oscillator Full & Half Step 3.5 amps, 35 VDC
3535 AMP-3535 Datasheet
53Kb / 2P
3535 Step Motor Drive Full & Half Stepping 3.5 amps, 35 VDC
PDO5580 AMP-PDO5580 Datasheet
140Kb / 10P
PDO 5580 Packaged Pulse and Direction Step Motor Drive wih Digital Oscillator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com