Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2S6002 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SL2S6002
Description  ICODE DNA
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S6002 Datasheet(HTML) 3 Page - NXP Semiconductors

  SL2S6002 Datasheet HTML 1Page - NXP Semiconductors SL2S6002 Datasheet HTML 2Page - NXP Semiconductors SL2S6002 Datasheet HTML 3Page - NXP Semiconductors SL2S6002 Datasheet HTML 4Page - NXP Semiconductors SL2S6002 Datasheet HTML 5Page - NXP Semiconductors SL2S6002 Datasheet HTML 6Page - NXP Semiconductors SL2S6002 Datasheet HTML 7Page - NXP Semiconductors SL2S6002 Datasheet HTML 8Page - NXP Semiconductors SL2S6002 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SL2S6002_SDS
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product short data sheet
COMPANY PUBLIC
Rev. 3.0 — 16 June 2016
374730
3 of 14
NXP Semiconductors
SL2S6002
ICODE DNA
16-bit counter
3.
Applications
Brand protection
Counterfeit protection for consumer goods
High value asset authentication
Document tracking and authentication
Ski ticketing
4.
Ordering information
5.
Block diagram
Table 1.
Ordering information
Type number
Package
Version
Name
Description
SL2S6002FUD/BG
Wafer
sawn, bumped wafer, 120
m with 7 mPolyimide
spacer, on film frame carrier,
Ci between LA and LB = 23.5 pF (typical)
-
Fig 1.
Block diagram of ICODE DNA
aaa-023507
MOD
DEMOD
VREG
VDD
Clock
data
in
data
out
R/W
ANALOG
RF INTERFACE
PAD
PAD
LB
LA
RECT
Cres
DIGITAL CONTROL
ANTENNA
ANTICOLLISION
READ/WRITE
CONTROL
ACCESS CONTROL
EEPROM INTERFACE
CONTROL
RF INTERFACE
CONTROL
AES CRYPTO
COPROCESSOR
EEPROM
MEMORY
SEQUENCER
CHARGE PUMP
CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com