Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2S6002 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SL2S6002
Description  ICODE DNA
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S6002 Datasheet(HTML) 1 Page - NXP Semiconductors

  SL2S6002 Datasheet HTML 1Page - NXP Semiconductors SL2S6002 Datasheet HTML 2Page - NXP Semiconductors SL2S6002 Datasheet HTML 3Page - NXP Semiconductors SL2S6002 Datasheet HTML 4Page - NXP Semiconductors SL2S6002 Datasheet HTML 5Page - NXP Semiconductors SL2S6002 Datasheet HTML 6Page - NXP Semiconductors SL2S6002 Datasheet HTML 7Page - NXP Semiconductors SL2S6002 Datasheet HTML 8Page - NXP Semiconductors SL2S6002 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1.
General description
The ICODE DNA is a leading-edge HF tag IC targeting brand protection tagging
applications which require HF long read range as well as cryptographic authentication
check.The security is based in the first place on a 128-bit AES key which is securely
stored on IC’s and which is used to perform cryptographic authentication by an AES
coprocessor. The current version of the ICODE DNA supports the following features:
• Tag and mutual authentication using AES128
• 3 user keys for tag authentication and/or mutual authentication
• Separate privileges to define different access rights per key
• Flexible user memory segmentation with corresponding access conditions
• 2016-bit available user memory
• NXP originality signature
• Counter feature
1.1 Contactless energy and data transfer
Whenever connected to a very simple and easy-to-produce type of antenna (as a result of
the 13.56 MHz carrier frequency) made out of a few windings printed, winded, etched or
punched coil, the ICODE DNA IC can be operated without line of sight up to a distance of
1.5 m (gate width). No battery is needed. When the smart label is positioned in the field of
an interrogator antenna, the high-speed RF communication interface enables data to be
transmitted up to 53 kbit/s.
1.2 Anticollision
An intelligent anticollision function enables several tags to operate in the field
simultaneously. The anticollision algorithm selects each tag individually and ensures that
the execution of a transaction with a selected tag is performed correctly without data
corruption resulting from other tags in the field.
1.3 Security and privacy aspects
• Unique IDentifier (UID):
The UID cannot be altered and guarantees the uniqueness of each label.
• Originality signature:
32 byte ECC-based originality signature.
• Tag/mutual authentication:
SL2S6002
ICODE DNA
Rev. 3.0 — 16 June 2016
374730
Product short data sheet
COMPANY PUBLIC


Similar Part No. - SL2S6002

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SL2S1402 NXP-SL2S1402 Datasheet
314Kb / 33P
ICODE ILT
Rev. 3.3-15 October 2019
SL2S1402FUD NXP-SL2S1402FUD Datasheet
314Kb / 33P
ICODE ILT
Rev. 3.3-15 October 2019
SL2S1402FUF NXP-SL2S1402FUF Datasheet
314Kb / 33P
ICODE ILT
Rev. 3.3-15 October 2019
SL2S1412 NXP-SL2S1412 Datasheet
321Kb / 34P
ICODE ILT-M
Rev. 3.3-15 October 2019
SL2S1412FUD NXP-SL2S1412FUD Datasheet
321Kb / 34P
ICODE ILT-M
Rev. 3.3-15 October 2019
More results

Similar Description - SL2S6002

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SL2S1402 NXP-SL2S1402 Datasheet
314Kb / 33P
ICODE ILT
Rev. 3.3-15 October 2019
SL2S1412 NXP-SL2S1412 Datasheet
321Kb / 34P
ICODE ILT-M
Rev. 3.3-15 October 2019
SL2S2602 NXP-SL2S2602 Datasheet
491Kb / 55P
ICODE SLIX2
Rev. 4.1-25 July 2017
SL2S5002 NXP-SL2S5002 Datasheet
169Kb / 35P
ICODE SLIX-L
Rev. 3.4-27 August 2012
SL2S5302 NXP-SL2S5302 Datasheet
173Kb / 35P
ICODE SLIX-S
Rev. 3.2-27 August 2012
SLRC400 NXP-SLRC400 Datasheet
759Kb / 101P
ICODE reader IC
Rev. 3.3-23 March 2010
NT2H2331G0 NXP-NT2H2331G0 Datasheet
543Kb / 55P
NTAG 223 DNA - NFC T2T compliant IC
Rev. 3.0-18 February 2022
NT2H2421G0 NXP-NT2H2421G0 Datasheet
583Kb / 61P
NTAG 224 DNA - NFC T2T compliant IC
Rev. 3.0-18 February 2022
CLRM701 NXP-CLRM701 Datasheet
1Mb / 21P
Mifare® & ICODE contactless reader module
Rev. 3.2 - 24 May 2007
NT2H2421G0 NXP-NT2H2421G0_V01 Datasheet
555Kb / 59P
NTAG 224 DNA - NFC T2T compliant IC
Rev. 3.1 - 5 April 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com