Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2S6002 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SL2S6002
Description  ICODE DNA
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S6002 Datasheet(HTML) 4 Page - NXP Semiconductors

  SL2S6002 Datasheet HTML 1Page - NXP Semiconductors SL2S6002 Datasheet HTML 2Page - NXP Semiconductors SL2S6002 Datasheet HTML 3Page - NXP Semiconductors SL2S6002 Datasheet HTML 4Page - NXP Semiconductors SL2S6002 Datasheet HTML 5Page - NXP Semiconductors SL2S6002 Datasheet HTML 6Page - NXP Semiconductors SL2S6002 Datasheet HTML 7Page - NXP Semiconductors SL2S6002 Datasheet HTML 8Page - NXP Semiconductors SL2S6002 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SL2S6002_SDS
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product short data sheet
COMPANY PUBLIC
Rev. 3.0 — 16 June 2016
374730
4 of 14
NXP Semiconductors
SL2S6002
ICODE DNA
6.
Functional description
For the detailed functional description, refer to Ref. 1.
6.1 Block description
The ICODE DNA IC consists of three major blocks:
• Analog RF interface
• Digital controller
• AES Crypto-Coprocessor
• EEPROM
The analog section provides stable supply voltage and demodulates data received from
the reader for processing by the digital section. The analog section’s modulation transistor
also transmits data back to the reader.
The digital section includes the state machines, processes the protocol and handles
communication with the EEPROM.
The label requires no internal power supply. Its contactless interface generates the power
supply and the system clock via the resonant circuitry by inductive coupling to the
interrogator. The interface also demodulates data that are transmitted from the
interrogator to the ICODE Label, and modulates the electromagnetic field for data
transmission from the ICODE Label to the interrogator.
Data are stored in a non-volatile memory (EEPROM).
6.2 Memory organization
The 2048-bit user accessible EEPROM memory is divided into 64 blocks. A block is the
smallest access unit. Each block consists of 4 bytes (1 block = 32 bits). Bit 0 in each byte
represents the least significant bit (LSB) and bit 7 the most significant bit (MSB),
respectively.
The entire memory is divided into 2 parts:
• User memory
– Within the 2016-bit memory (63 blocks) area the user data are stored. Direct
read/write access with the standard READ and WRITE commands to this part of
the memory is possible depending on the related security and write protection
conditions.
– 16-bit counter
The last block of the EEPROM memory (block 63) contains the 16-bit counter and
the counter protection flag.
• Configuration area
– Within this part of the memory all required security related information is stored,
such as access keys with related privileges, headers, customer ID (CID) or
originality signature. This memory area can only by accessed with the
READ_CONFIG or WRITE_CONFIG commands depending on the configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com