Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSA3413 Datasheet(PDF) 10 Page - Qorvo, Inc

Part # RFSA3413
Description  5 MHz to 6000 MHz Digial Step Attenuator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFSA3413 Datasheet(HTML) 10 Page - Qorvo, Inc

Back Button RFSA3413 Datasheet HTML 6Page - Qorvo, Inc RFSA3413 Datasheet HTML 7Page - Qorvo, Inc RFSA3413 Datasheet HTML 8Page - Qorvo, Inc RFSA3413 Datasheet HTML 9Page - Qorvo, Inc RFSA3413 Datasheet HTML 10Page - Qorvo, Inc RFSA3413 Datasheet HTML 11Page - Qorvo, Inc RFSA3413 Datasheet HTML 12Page - Qorvo, Inc RFSA3413 Datasheet HTML 13Page - Qorvo, Inc RFSA3413 Datasheet HTML 14Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
RFSA3413
5 MHz to 6000 MHz Digital Step Attenuator
Datasheet March 5, 2019 | Subject to change without notice
10 of 14
www.qorvo.com
®
Pad Configuration and Description
16
1
2
3
4
15
14
13
12
11
10
9
5
6
7
8
4-BIT DSA
LOGIC CONTROL
VDD
RFIN
N/C
N/C
N/C
RFOUT
N/C
N/C
Top View
Pad No.
Label
Description
1
VDD
DC Supply Voltage Input
2
RFIN
RF Input, Incident RF power must enter this pin for rated thermal performance and reliability. Do not
apply DC to this pin. Can be DC grounded externally. Internally, a resistors in between this Pin and
ground.
3, 4, 5, 6, 7, 8, 9,
10, 12
NC
No Internal Connection. Land pads should be provided on PCB for mounting integrity.
11
RFOUT
RF Output, Can be DC grounded externally. Internally, a resistors in between this Pin and ground.
13
C8
8 dB Bit, Parallel Control Input; 3V CMOS compatible logic.
14
C4
4 dB Bit, Parallel Control Input; 3V CMOS compatible logic.
15
C2
2 dB Bit, Parallel Control Input; 3V CMOS compatible logic.
16
C1
1 dB Bit, Parallel Control Input; 3V CMOS compatible logic.
Backside Paddle
GND
RF/DC ground. Quantity 9 Ground via holes recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com