Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSA3413 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # RFSA3413
Description  5 MHz to 6000 MHz Digial Step Attenuator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFSA3413 Datasheet(HTML) 1 Page - Qorvo, Inc

  RFSA3413 Datasheet HTML 1Page - Qorvo, Inc RFSA3413 Datasheet HTML 2Page - Qorvo, Inc RFSA3413 Datasheet HTML 3Page - Qorvo, Inc RFSA3413 Datasheet HTML 4Page - Qorvo, Inc RFSA3413 Datasheet HTML 5Page - Qorvo, Inc RFSA3413 Datasheet HTML 6Page - Qorvo, Inc RFSA3413 Datasheet HTML 7Page - Qorvo, Inc RFSA3413 Datasheet HTML 8Page - Qorvo, Inc RFSA3413 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
RFSA3413
5 MHz to 6000 MHz Digial Step Attenuator
Datasheet March 5, 2019 | Subject to change without notice
1 of 14
www.qorvo.com
®
16 Pad 3.0
 x 3.0 x 0.85 mm QFN Package
Key Features
• 4-Bit, 15 dB Range, 1.0 dB Step
• Patented Circuit Architecture
• Overshoot-free Transient Switching Performance
• Frequency Range 5 MHz to 6000 MHz
• High Linearity, IIP3 > +55 dBm
• Parallel Control Interface
• Fast Switching, 120 ns Typical
• Single Supply 3 V to 5 V Operation
• 3V CMOS Logic Compatible
• RF Oins have No DC Voltage present, Can be DC
Grounded Externally
Product Overview
The RFMD’s RFSA3413 is a 4-bit digital step
attenuator (DSA) that features high linearity over
the entire 15dB gain control range with 1.0dB steps.
The RFSA3413 uses parallel control interface.
The RFSA3413 has a low insertion loss of 1.4dB at
2GHz. Patent pending circuit architecture provides
overshoot-free transient switching performance.
The RFSA3413 is available in a 3mm x 3mm QFN
package.
Ordering Information
Part No.
Description
RFSA3413TR7
7” Reel with 2500 pieces
RFSA3413PCK-410
5
 MHz to 6000 MHz PCBA with 5-
piece sample bag
Functional Block Diagram
16
1
2
3
4
15
14
13
12
11
10
9
5
6
7
8
4-BIT DSA
LOGIC CONTROL
VDD
RFIN
N/C
N/C
N/C
RFOUT
N/C
N/C
Top View
Applications
• 2G through 4G Base Stations
• Point-to-Point
• WiMax / Wi-Fi
• Test Equipment


Similar Part No. - RFSA3413

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA3413 RFMD-RFSA3413 Datasheet
1Mb / 14P
5MHz to 6000MHz, Digital Step Attenuator
RFSA3413PCK-410 RFMD-RFSA3413PCK-410 Datasheet
1Mb / 14P
5MHz to 6000MHz, Digital Step Attenuator
RFSA3413SQ RFMD-RFSA3413SQ Datasheet
1Mb / 14P
5MHz to 6000MHz, Digital Step Attenuator
RFSA3413SR RFMD-RFSA3413SR Datasheet
1Mb / 14P
5MHz to 6000MHz, Digital Step Attenuator
RFSA3413TR7 RFMD-RFSA3413TR7 Datasheet
1Mb / 14P
5MHz to 6000MHz, Digital Step Attenuator
More results

Similar Description - RFSA3413

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
NMA2414-A1T MICRONETICS-NMA2414-A1T Datasheet
209Kb / 2P
Legacy 100 MHz to 6000 MHz
NMA2414-A2S MICRONETICS-NMA2414-A2S Datasheet
201Kb / 2P
Legacy 100 MHz to 6000 MHz
NMA2414-A2T MICRONETICS-NMA2414-A2T Datasheet
318Kb / 2P
Legacy 100 MHz to 6000 MHz
NMA2414-B1T MICRONETICS-NMA2414-B1T Datasheet
166Kb / 2P
Legacy 100 MHz to 6000 MHz
NMA2414-B2T MICRONETICS-NMA2414-B2T Datasheet
357Kb / 2P
Legacy 100 MHz to 6000 MHz
logo
Advanced Semiconductor ...
ASW208 ASB-ASW208 Datasheet
697Kb / 11P
5-6000 MHz MMIC Amplifier
August 2012
logo
Teledyne Technologies I...
A2CP6005 TELEDYNE-A2CP6005 Datasheet
125Kb / 2P
2000-6000 MHz 2000-6000 MHz
logo
Qorvo, Inc
QPC6614 QORVO-QPC6614 Datasheet
2Mb / 16P
5 MHz to 6000 MHz Digital Step Attenuators
October 26, 2020
QPC6713 QORVO-QPC6713 Datasheet
2Mb / 16P
50 MHz to 6000 MHz Digital Step Attenuator
October 16, 2020
logo
Renesas Technology Corp
F2258 RENESAS-F2258 Datasheet
2Mb / 25P
Voltage Variable RF Attenuator 50 to 6000 MHz
01/20/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com