Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSA3413 Datasheet(PDF) 13 Page - Qorvo, Inc

Part # RFSA3413
Description  5 MHz to 6000 MHz Digial Step Attenuator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFSA3413 Datasheet(HTML) 13 Page - Qorvo, Inc

Back Button RFSA3413 Datasheet HTML 6Page - Qorvo, Inc RFSA3413 Datasheet HTML 7Page - Qorvo, Inc RFSA3413 Datasheet HTML 8Page - Qorvo, Inc RFSA3413 Datasheet HTML 9Page - Qorvo, Inc RFSA3413 Datasheet HTML 10Page - Qorvo, Inc RFSA3413 Datasheet HTML 11Page - Qorvo, Inc RFSA3413 Datasheet HTML 12Page - Qorvo, Inc RFSA3413 Datasheet HTML 13Page - Qorvo, Inc RFSA3413 Datasheet HTML 14Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
RFSA3413
5 MHz to 6000 MHz Digital Step Attenuator
Datasheet March 5, 2019 | Subject to change without notice
13 of 14
www.qorvo.com
®
Tape and Reel Information
– Reel Dimensions
Standard T/R
size = 2500 pieces on a 7” reel.
Feature
Measure
Symbol
Size (in)
Size (mm)
Flange
Diameter
A
6.969
177.0
Thickness
W2
0.559
14.2
Space Between Flange
W1
0.346
8.8
Hub
Outer Diameter
N
2.283
58.0
Arbor Hole Diameter
C
0.512
13.0
Key Slit Width
B
0.079
2.0
Key Slit Diameter
D
0.787
20.0
Tape and Reel Information
– Tape Length and Label Placement
Notes:
1. Empty part cavities at the trailing and leading ends are sealed with cover tape. See EIA 481-1-A.
2. Labels are placed on the flange opposite the sprockets in the carrier tape.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com