Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPD1025LEVB2 Datasheet(PDF) 13 Page - Qorvo, Inc

Part # QPD1025LEVB2
Description  1800 W, 65 V, 0.96 ??1.215GHz, GaN RF Input-Matched Transistor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPD1025LEVB2 Datasheet(HTML) 13 Page - Qorvo, Inc

Back Button QPD1025LEVB2 Datasheet HTML 9Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 10Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 11Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 12Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 13Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 14Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 15Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 16Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 17Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Error! Unknown document property name.
Data Sheet Rev. L, March 2022
Subject to change without notice | All rights reserved
13 of 26
www.qorvo.com
QPD1025L
1800 W, 65 V, 0.96
– 1.215GHz, GaN RF Input-Matched Transistor
Notes:
1.
Test Conditions: VD = 50 V, IDQ = 750 mA, 100 us Pulse Width, 10% Duty Cycle, Temp = 25°C.
2.
The performance shown below is for only half of the device out of the two independent amplification paths.
3.
See page 16 for load pull reference planes where the performance was measured.
4.
Measured Load-Pull Smith Charts at 50 V 1, 2, 3
1.1GHz, Load-pull
58.4
58
57.6
57
56.4
55.8
18.1
17.6
17.1
16.6
16.1
76.8
75.8
74.8
72.8
• Max Power is 58.6dBm
at Z = 1.67-0.78i
= -0.2499-0.2088i
• Max Gain is 18.6dB
at Z = 1.25+1.46i
= -0.2627+0.4338i
• Max DEff is 77.7%
at Z = 1.8+0.74i
= -0.221+0.1882i
Zo = 3
3dB Compression Referenced to Peak Gain
Zs(1fo) = 1.18-2.13i
Zs(2fo) = 1.44-3.22i
Zs(3fo) = 6.46-1.31i
Zl(2fo) = 0.54
Zl(3fo) = 3.24-0.3i
Power
Gain
DEFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com