Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPD1025LEVB2 Datasheet(PDF) 23 Page - Qorvo, Inc

Part # QPD1025LEVB2
Description  1800 W, 65 V, 0.96 ??1.215GHz, GaN RF Input-Matched Transistor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPD1025LEVB2 Datasheet(HTML) 23 Page - Qorvo, Inc

Back Button QPD1025LEVB2 Datasheet HTML 18Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 19Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 20Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 21Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 22Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 23Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 24Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 25Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 26Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
Error! Unknown document property name.
Data Sheet Rev. L, March 2022
Subject to change without notice | All rights reserved
23 of 26
www.qorvo.com
QPD1025L
1800 W, 65 V, 0.96
– 1.215GHz, GaN RF Input-Matched Transistor
0.96
– 1.215 GHz Application Circuit EVB2– Layout 1, 2
Notes
:
1.
PCB material is RO4350B 0.020” thick, 2 oz. copper each side.
2.
The two gates could be tied together or (optionally) adjusted independently.
0.96
– 1.215 GHz Application Circuit – Bill of Material EVB2
Reference Designator
Value
Qty
Manufacturer
Part Number
L1,L2
110nH
2
Coilcraft, Inc
0805CS-111XJBC
C2
0.7pF
1
American Technical Ceramics
600S0R7AT250XT
C3,C4
20pF
2
American Technical Ceramics
600S200FT250XT
C6,C7
5.6pF
2
American Technical Ceramics
600S5R6BW250XT
C21, C22, C27
6.8pF
3
American Technical Ceramics
600S6R8BT250XT
C1, C5,C8
8.2pF
3
American Technical Ceramics
600S8R2BT250XT
C19,C20
12pF
2
American Technical Ceramics
800B120GT500XT
C23
1.5pF
1
American Technical Ceramics
800B1R5BT500XT
C30
1.8pF
1
American Technical Ceramics
100B1R8BT500XT
C28,C29
2.4pF
2
American Technical Ceramics
100B2R4BT500XT
C12,C13,C15,C16,C17,C18
5.6pF
6
American Technical Ceramics
100B5R6CT500XT
C11,C14
8.2pF
2
American Technical Ceramics
800B8R2CT500XT
C24,C25
10uF
2
TDK Singapore (Pte) Ltd
C5750X7S2A106M230KB
R2,R3
10 Ohms
2
Vishay Dale Electronics
CRCW060310R0FKEA
Connector
N type F
1
Huber+Suhner, Inc
23_N-50-0-33/133_NE
Connector
N type M
1
Huber+Suhner, Inc
13_N-50-0-33/133_NE
R1
47 Ohms
1
Panasonic Industrial Devices
KTR03EZPF47R0
C9,C10
4.7uF
2
Murata Electronics
GRM31CR71H475KA12L
C31, C32
680uF
2
Vishay Americas Inc
MAL215099708E3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com