Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPD1025LEVB2 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # QPD1025LEVB2
Description  1800 W, 65 V, 0.96 ??1.215GHz, GaN RF Input-Matched Transistor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPD1025LEVB2 Datasheet(HTML) 2 Page - Qorvo, Inc

  QPD1025LEVB2 Datasheet HTML 1Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 2Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 3Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 4Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 5Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 6Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 7Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 8Page - Qorvo, Inc QPD1025LEVB2 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Error! Unknown document property name.
Data Sheet Rev. L, March 2022
Subject to change without notice | All rights reserved
2 of 26
www.qorvo.com
QPD1025L
1800 W, 65 V, 0.96
– 1.215GHz, GaN RF Input-Matched Transistor
Absolute Maximum Ratings 1, 2, 3
Parameter
Rating
Units
Breakdown Voltage,BVDG
225
V
Gate Voltage Range, VG
-7 to +2
V
Drain Current, IDMAX
142
A
Power Dissipation, Pulsed, PDISS 2
1209
W
RF Input Power, Pulsed, PIN 3
46.2
dBm
Mounting Temperature
(30 Seconds)
320 
°C
Storage Temperature
−65 to +150
°C
Notes:
1. Operation of this device outside the parameter ranges given
above may cause permanent damage
2. Pulsed, 100us PW, 10% DC, Package base at 85 °C
3. Pulsed, 100us PW, 10% DC, T = 25 °C
Recommended Operating Conditions 1
Parameter
Min
Typ
Max Units
Operating Temp. Range
−40
+25
+85
 °C
Drain Voltage Range, VD
–
+65
+70
V
Drain Bias Current, IDQ
1.5
A
Drain Current, ID 4
–
28
–
A
Gate Voltage, VG 3
–
−2.8
–
V
Power Dissipation (PD) 2,4
–
–
685
W
Power Dissipation (PD), CW 2
–
–
496
W
Notes:
1. Electrical performance is measured under conditions noted in
the electrical specifications table. Specifications are not
guaranteed over all recommended operating conditions
2. Package base at 85 °C
3. To be adjusted to desired IDQ
4. Pulsed, 1000us PW, 20% DC
Measured Load Pull Performance
– 65 V Power Tuned 1, 2
Parameter
Typical Values
Units
Frequency, F
0.915
1.0
1.1
1.2
GHz
Output Power at 3dB compression, P3dB
59.9
59.7
59.7
59.8
dBm
Power Added Efficiency at 3dB compression, PAE3dB
63.2
62.8
65.7
61.9
%
Gain at 3dB compression, G3dB
17.9
17.5
17.3
17.2
dB
Notes:
1.
Test conditions unless otherwise noted: TA = 25 °C, VD = 65 V, IDQ = 750 mA (half device)
2.
Pulsed, 100 us Pulse Width, 10% Duty Cycle.
Measured Load Pull Performance
– 65 V Efficiency Tuned 1, 2
Parameter
Typical Values
Units
Frequency, F
0.915
1.0
1.1
1.2
GHz
Output Power at 3dB compression, P3dB
57.5
57.7
58.5
58.3
dBm
Power Added Efficiency at 3dB compression, PAE3dB
77.6
77.2
77.0
74.6
%
Gain at 3dB compression, G3dB
19.7
19.5
18.7
19.0
dB
Notes:
1.
Test conditions unless otherwise noted: TA = 25 °C, VD = 65 V, IDQ = 750 mA (half device)
2.
Pulsed, 100 us Pulse Width, 10% Duty Cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com