Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT10E Datasheet(PDF) 2 Page - CUI INC

Part # AMT10E
Description  MODULAR INCREMENTAL ENCODER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT10E Datasheet(HTML) 2 Page - CUI INC

  AMT10E Datasheet HTML 1Page - CUI INC AMT10E Datasheet HTML 2Page - CUI INC AMT10E Datasheet HTML 3Page - CUI INC AMT10E Datasheet HTML 4Page - CUI INC AMT10E Datasheet HTML 5Page - CUI INC AMT10E Datasheet HTML 6Page - CUI INC AMT10E Datasheet HTML 7Page - CUI INC AMT10E Datasheet HTML 8Page - CUI INC AMT10E Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
cuidevices.com
date 08/04/2021
│ page 2 of 10
CUI Devices
│ SERIES: AMT10E │ DESCRIPTION: MODULAR INCREMENTAL ENCODER
WAVEFORMS
X
A
B
I
P
T
S S S S
Quadrature signals with index showing
counter-clockwise rotation
Figure 1
MECHANICAL
parameter
conditions/description
min
typ
max
units
motor shaft length
9
mm
motor shaft tolerance
NOM +0/-0.015
mm
weight
AMT10E2
AMT10E3
20.5
14.0
g
g
axial play
±0.3
mm
rotational speed (at each
resolution)
480, 960, 1000, 1250, 2000, 2500, 2560, 5120
3000
RPM
120, 240, 250, 312.5, 500, 625, 640, 1280
6000
RPM
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature1
-40
100
°C
humidity
non-condensing
95
%
vibration
20~500 Hz, 1 hour on each XYZ
10
G
shock
11 ms, ±XYZ direction
50
G
RoHS
yes
Note:
1. Encoders with operating temperature of -40~125°C are available as a custom order
Parameter
Description
Expression
Units
Notes
PPR
resolution
Pulses Per Revolution
This is the user selected value and the
format all resolutions are listed in
CPR
counts
PPR x 4
Counts Per Revolution
This is the number of quadrature counts
the encoder has
T
period
360/R
mechanical degrees
P
pulse width
T/2
mechanical degrees
S
A/B state width
T/4
mechanical degrees
This is the width of a quadrature state
I
index width
T/4
mechanical degrees
The width of a once per turn index is the
state width for A & B lines
The following parameters are defined by the resolution selected for each
encoder. The encoders resolution is listed as Pulses Per Revolution (PPR), which
is the number of periods (or high pulses) over the encoders revolution.
Note:
For more information regarding PPR, CPR, or LPR (Lines Per Revolution) view https://www.cuidevices.com/blog/what-is-encoder-ppr-cpr-and-lpr
Additional Resources: Product Page



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com