Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT10E Datasheet(PDF) 6 Page - CUI INC

Part # AMT10E
Description  MODULAR INCREMENTAL ENCODER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT10E Datasheet(HTML) 6 Page - CUI INC

Back Button AMT10E Datasheet HTML 2Page - CUI INC AMT10E Datasheet HTML 3Page - CUI INC AMT10E Datasheet HTML 4Page - CUI INC AMT10E Datasheet HTML 5Page - CUI INC AMT10E Datasheet HTML 6Page - CUI INC AMT10E Datasheet HTML 7Page - CUI INC AMT10E Datasheet HTML 8Page - CUI INC AMT10E Datasheet HTML 9Page - CUI INC AMT10E Datasheet HTML 10Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
cuidevices.com
date 08/04/2021
│ page 6 of 10
CUI Devices
│ SERIES: AMT10E │ DESCRIPTION: MODULAR INCREMENTAL ENCODER
28.60 1.126
R15.50 0.610
15.30 0.602
12.39 0.488
6.83 0.269
52.70 2.075
9.00 0.354
34.211.347
11.500.453
15.340.604
MECHANICAL DRAWINGS (CONTINUED)
units: mm[inch]
tolerance: ±0.1mm
units: mm[inch]
tolerance: ±0.1mm
AMT10E3 STANDARD BASE
AMT10E3 WIDE BASE
0.488
15.300.602
0.269
1.126
28.60
12.39
6.83
R15.50 0.610
15.34 0.604
9.00 0.354
1.347
34.21
11.50 0.453
Additional Resources: Product Page



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com