Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT10E Datasheet(PDF) 4 Page - CUI INC

Part # AMT10E
Description  MODULAR INCREMENTAL ENCODER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT10E Datasheet(HTML) 4 Page - CUI INC

  AMT10E Datasheet HTML 1Page - CUI INC AMT10E Datasheet HTML 2Page - CUI INC AMT10E Datasheet HTML 3Page - CUI INC AMT10E Datasheet HTML 4Page - CUI INC AMT10E Datasheet HTML 5Page - CUI INC AMT10E Datasheet HTML 6Page - CUI INC AMT10E Datasheet HTML 7Page - CUI INC AMT10E Datasheet HTML 8Page - CUI INC AMT10E Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
cuidevices.com
date 08/04/2021
│ page 4 of 10
CUI Devices
│ SERIES: AMT10E │ DESCRIPTION: MODULAR INCREMENTAL ENCODER
ENCODER INTERFACE
CONNECTOR PINOUT
Function
#
AMT10E2
AMT10E3
B
B CHANNEL
B CHANNEL
5V
+5 V
+5 V
A
A CHANNEL
A CHANNEL
X
INDEX CHANNEL INDEX CHANNEL
G
GND
GND
AMT10E2
AMT10E3
Mating Connector:
AMP 3-640440-5 (tin)
AMP 3-641237-5 (gold)
Mating Connector:
Molex 50-57-9405 Housing
Molex 16-02-0086 Terminals
RESOLUTION SETTINGS
4
3
2
1
(off) 0
(on)1
Example setting: 1250 PPR
DIP switch:
1 = On, 0 = Off
Resolution (PPR)
Maximum RPM
1
2
3
4
5120
3000
0
0
0
0
2560
3000
0
0
1
0
2500
3000
1
0
0
0
2000
3000
0
1
0
0
1280
6000
0
0
0
1
1250
3000
1
0
1
0
1000
3000
0
1
1
0
960
3000
1
1
0
0
640
6000
0
0
1
1
625
6000
1
0
0
1
500
6000
0
1
0
1
480
3000
1
1
1
0
312.5
6000
1
0
1
1
250
6000
0
1
1
1
240
6000
1
1
0
1
120
6000
1
1
1
1
Additional Resources: Product Page



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com