Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVLBR4C7 Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OVLBR4C7
Description  Round Red Through-hole LED Lamp (3mm)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVLBR4C7 Datasheet(HTML) 1 Page - OPTEK Technologies

  OVLBR4C7 Datasheet HTML 1Page - OPTEK Technologies OVLBR4C7 Datasheet HTML 2Page - OPTEK Technologies OVLBR4C7 Datasheet HTML 3Page - OPTEK Technologies OVLBR4C7 Datasheet HTML 4Page - OPTEK Technologies OVLBR4C7 Datasheet HTML 5Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Issue 1.0
0705
Page 1
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Round Red Through-hole LED
Lamp (3mm)
Product Photo Here
Part Number
Material
Emitted Color
Intensity Typ. mcd
OVLBR4C7
AlInGaP
Red
1800
Lens Color
Water Clear
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
RoHS
OVLBR4C7
x
High Brightness with Well-defined Spatial Radiation Patterns
x
UV-resistant Epoxy Lens
x
Red (623nm)
The OVLBR4C7 is a high-intensity AlInGaP LED mounted in a clear plastic T-1 package. Its UV-resistant epoxy
lens makes this device an optimal solution for outdoor applications. This LED provides a well-defined and even
emission pattern.
Applications
x
Pedestrian Signals
x
Signage and Architectural Lighting
x
Backlighting
x
Automotive
x
Outdoor/Indoor Displays


Similar Part No. - OVLBR4C7

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVLBR4C7 TTELEC-OVLBR4C7 Datasheet
215Kb / 9P
Round Through-Hole LED Lamp
OVLBR4C7 TTELEC-OVLBR4C7 Datasheet
599Kb / 8P
Round Through-Hole LED Lamp (3 mm)
11/2018
More results

Similar Description - OVLBR4C7

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVLAS6CB8 OPTEK-OVLAS6CB8 Datasheet
986Kb / 4P
Round Red LED Lamp (3mm)
OVLBB4C7 OPTEK-OVLBB4C7 Datasheet
1Mb / 5P
Round Blue Through-hole LED Lamp (3mm)
OVLBY4C7 OPTEK-OVLBY4C7 Datasheet
1Mb / 5P
Round Yellow Through-hole LED Lamp (3mm)
OVLFR3C7 OPTEK-OVLFR3C7 Datasheet
1Mb / 4P
Round Red Through-hole LED Lamp (5 mm)
logo
P-tec Corporation
PL03L-WDW24 P-TEC-PL03L-WDW24 Datasheet
806Kb / 7P
3mm Round Through-Hole LED
PL03Q-WDP03 P-TEC-PL03Q-WDP03 Datasheet
667Kb / 6P
3mm Round Through-Hole LED
PL03L-WDW24 P-TEC-PL03L-WDW24_14 Datasheet
806Kb / 7P
3mm Round Through-Hole LED
PL03Q-WDP03 P-TEC-PL03Q-WDP03_14 Datasheet
667Kb / 6P
3mm Round Through-Hole LED
logo
TT Electronics.
OVLFB3C7 TTELEC-OVLFB3C7 Datasheet
712Kb / 8P
Round Through-Hole LED Lamp
OVLAS6CB8 TTELEC-OVLAS6CB8 Datasheet
988Kb / 4P
Round Red LED Lamp (3mm)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com