Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVLBR4C7 Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OVLBR4C7
Description  Round Red Through-hole LED Lamp (3mm)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVLBR4C7 Datasheet(HTML) 2 Page - OPTEK Technologies

  OVLBR4C7 Datasheet HTML 1Page - OPTEK Technologies OVLBR4C7 Datasheet HTML 2Page - OPTEK Technologies OVLBR4C7 Datasheet HTML 3Page - OPTEK Technologies OVLBR4C7 Datasheet HTML 4Page - OPTEK Technologies OVLBR4C7 Datasheet HTML 5Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Issue 1.0
0705
Page 2
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Round Red Through-hole LED (3mm)
OVLBR4C7
Absolute Maximum Ratings
TA = 25oC unless otherwise noted
Storage Temperature Range
-40 ~ +100°C
Operating Temperature Range
-40 ~ +85°C
Reverse Voltage
5 V
Continuous Forward Current
30 mA
Peak Forward Current (10% Duty Cycle, 1KHz)
100 mA
Power Dissipation
78 mW
Current Linearity vs. Ambient Temperature
-0.5 mA/°C
LED Junction Temperature
125°C
Lead Soldering Temperature (3mm from the base of the epoxy bulb)1
260°C
Note:
1.
Solder time less than 5 seconds at temperature extreme.
Electrical Characteristics
TA = 25oC unless otherwise noted
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
Iv
Luminous Intensity
1135
1800
----
mcd
IF = 20mA
VF
Forward Voltage
----
2.2
2.6
V
IF = 20mA
IR
Reverse Current
----
----
10
µA
VR = 5V
D
Dominant Wavelength
619
623
630
nm
IF = 20mA
2 ½H-H
50% Power Angle
----
45
----
deg
IF = 20mA
P
Peak Wavelength
----
633
----
nm
IF = 20mA
Important Notes:
1. All ranks will be included per delivery, rank ratio will be based on the chip distribution.
2. To designate luminous intensity ranks, please contact OPTEK.
3. Pb content <1000PPM.
Standard Bins (IF = 20mA)
Lamps are sorted to luminous intensity (IV) and dominant wavelength ( D) bins shown.
Orders for OVLBR4C7 may be filled with any or all bins contained as below.
Beam Pattern
Rank
G
H
J
6
Voltage
1.8–2.0
2.0–2.2
2.2–2.4
2.4–2.6
Forward Voltage
Dominant Wavelength (nm)
3115
2225
0U
1590
0T
1135
0S
Luminous intensity is
at 0S bin or above.
619
626
630
R3
R1
R2
623



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com