Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVLBR4C7 Datasheet(PDF) 5 Page - OPTEK Technologies

Part # OVLBR4C7
Description  Round Red Through-hole LED Lamp (3mm)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVLBR4C7 Datasheet(HTML) 5 Page - OPTEK Technologies

  OVLBR4C7 Datasheet HTML 1Page - OPTEK Technologies OVLBR4C7 Datasheet HTML 2Page - OPTEK Technologies OVLBR4C7 Datasheet HTML 3Page - OPTEK Technologies OVLBR4C7 Datasheet HTML 4Page - OPTEK Technologies OVLBR4C7 Datasheet HTML 5Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Issue 1.0
0705
Page 5
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Issue
Change Description
Approval
Date
1.0
Initial Release
J. Haynie
7/20/05
Round Red Through-hole LED (3mm)
OVLBR4C7



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com