Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002K Datasheet(PDF) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # 2N7002K
Description  N-Channel 60-V(D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

2N7002K Datasheet(HTML) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

  2N7002K Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co 2N7002K Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co 2N7002K Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co 2N7002K Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co 2N7002K Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.sztuofeng.com
,2018 V1.0
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
SOT-23 Plastic-Encapsulate MOSFETS
2N7002K
1
V(BR)DSS
RDS(on)MAX
ID
60V
2.5Ω@ 10V
0.5A
3.2Ω@ 4.5V
2N7002K N-Channel 60-V(D-S) MOSFET
General FEATURE
High density cell design for Low RDS(on)
Voltage controlled small signal switch
Rugged and reliable
High saturation current capability
ESD protected 2KV HBM
APPLICATION
Load Switch for Portable Devices
DC/DC Converter
SOT-23
MARKING
Equivalent Circuit
7002. w
1.GATE
2.SOURCE
3.DRAIN
*w:week code
Maximum ratings (Ta=25
℃ unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
±20
Continuous Drain Current
ID
0.5
Pulsed Drain Current
*1,2
IDM
0.95
A
Continuous Source-Drain Diode Current
IS
0.5
Maximum Power Dissipation
PD
0.35
W
Thermal Resistance from Junction to Ambient(t ≤5s)
R θJA
90
℃/W
Junction Temperature
TJ
150
Storage Temperature
Tstg
-55 ~+150
Note :
*1. Pulse Width ≤ 300μs, Duty cycle ≤2%
*2. When the device is mounted on 1in² copper pad of FR-4 board; 270°C/W when mounted on minimum copper pad.
1
2
3
Mar
* 2


Similar Part No. - 2N7002K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N7002K VISHAY-2N7002K Datasheet
233Kb / 3P
N-Channel 60-V (D-S) MOSFET
21-Feb-05
logo
Diodes Incorporated
2N7002K DIODES-2N7002K Datasheet
127Kb / 4P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30896 Rev. 2 - 2
logo
Pan Jit International I...
2N7002K PANJIT-2N7002K Datasheet
161Kb / 5P
60V N-Channel Enhancement Mode MOSFET - ESD Protected
logo
Vishay Siliconix
2N7002K VISHAY-2N7002K Datasheet
97Kb / 6P
N-Channel 60-V (D-S) MOSFET
23-Jun-08
logo
Guangdong Kexin Industr...
2N7002K KEXIN-2N7002K Datasheet
41Kb / 1P
N-Channel Enhanceent Mode Field Effect Transistor
More results

Similar Description - 2N7002K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N7000 VISHAY-2N7000 Datasheet
51Kb / 5P
N-Channel 60-V (D-S) MOSFET
16-Jul-01
SI1026X VISHAY-SI1026X_08 Datasheet
113Kb / 5P
N-Channel 60-V (D-S) MOSFET
24-Mar-08
SUM90N06-5M5P VISHAY-SUM90N06-5M5P Datasheet
116Kb / 6P
N-Channel 60-V (D-S) MOSFET
03-Dec-07
SUP90N06-6M0P VISHAY-SUP90N06-6M0P Datasheet
115Kb / 6P
N-Channel 60-V (D-S) MOSFET
03-Dec-07
logo
Analog Power
AM3458N ANALOGPOWER-AM3458N Datasheet
372Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM3962N ANALOGPOWER-AM3962N Datasheet
186Kb / 3P
N-Channel 60-V (D-S) MOSFET
AM4962NE ANALOGPOWER-AM4962NE Datasheet
226Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM7460N ANALOGPOWER-AM7460N Datasheet
182Kb / 3P
N-Channel 60-V (D-S) MOSFET
AM7462N ANALOGPOWER-AM7462N Datasheet
417Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM7466N ANALOGPOWER-AM7466N Datasheet
377Kb / 5P
N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com