Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002K Datasheet(PDF) 2 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # 2N7002K
Description  N-Channel 60-V(D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

2N7002K Datasheet(HTML) 2 Page - Shenzhen Tuofeng Semiconductor Technology Co

  2N7002K Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co 2N7002K Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co 2N7002K Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co 2N7002K Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co 2N7002K Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.sztuofeng.com
,2018 V1.0
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
SOT-23 Plastic-Encapsulate MOSFETS
2N7002K
2
MOSFET ELECTRICAL CHARACTERISTICS
Ta =25 ℃ unless otherwise specified
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Static Characteristics
Drain-Source Breakdown Voltage
VDS
VGS = 0V, ID =250µA
60
V
Gate Threshold Voltage*
VGS(th)
VDS =VGS, ID =1mA
1.2
2
1.6
V
Zero Gate Voltage Drain Current
IDSS
VDS =48V,VGS = 0V
1
µA
VGS =±20V, VDS = 0V
Gate –Source leakage current
±10
VGS = 10V, ID =500mA
2.0
2.5
Ω
Drain-Source On-Resistance*
RDS(on)
VGS =4.5V,ID=500mA
2.5
3.2
Ω
Diode Forward Voltage
VSD
VGS=0V, IS=500mA
1.3
V
Qg
0.8
nC
Dynamic Characteristics**
Input Capacitance
Ciss
50
pF
Output Capacitance
Coss
25
pF
Reverse Transfer Capacitance
Crss
5
pF
Switching Characteristics**
Turn-On Delay Time
td(on)
20
ns
Turn-Off Delay Time
td(off)
40
ns
Notes :
*Pulse Test : Pulse Width ≤300µs, Duty Cycle ≤2%.
**These parameters have no way to verify.
IGSS
0.7
Total gate charge
VDS =15V,VGS =4.5V,ID =0.2A
VDS =25V,VGS =0V,f =1MHz
VDD=30V,ID =0.2A
RL=150Ω, VGEN=10V,Rg=10Ω
Mar
µA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com