Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL620USB Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # GL620USB
Description  GeneLink-Lite USB PC-to-PC File Transfer Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GL620USB Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button GL620USB Datasheet HTML 4Page - List of Unclassifed Manufacturers GL620USB Datasheet HTML 5Page - List of Unclassifed Manufacturers GL620USB Datasheet HTML 6Page - List of Unclassifed Manufacturers GL620USB Datasheet HTML 7Page - List of Unclassifed Manufacturers GL620USB Datasheet HTML 8Page - List of Unclassifed Manufacturers GL620USB Datasheet HTML 9Page - List of Unclassifed Manufacturers GL620USB Datasheet HTML 10Page - List of Unclassifed Manufacturers GL620USB Datasheet HTML 11Page - List of Unclassifed Manufacturers GL620USB Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Revision 1.6
Nov. 16, 2000
-10-
GL620USB
6.4 DC Characteristics (PIN10, 11)
SYMBOL
Description
MIN
TYP
MAX
UNIT
VDD
Power Supply Voltage
4.5
5.0
5.5
V
VIL
LOW level input voltage
0.69
V
VIH
HIGH level input voltage
2.65
V
VTLH
LOW to HIGH threshold voltage
2.01
2.37
2.65
V
VTHL
HIGH to LOW threshold voltage
0.69
0.82
0.99
V
VHYS
Hysteresis voltage
1.1
1.55
1.79
V
RUP
Pad internal pullup resister
191.27
240.69
376.34
Kohms
6.5 DC Characteristics (PIN14, 15)
SYMBOL
Description
MIN
TYP
MAX
UNIT
VDD
Power Supply Voltage
4.5
5.0
5.5
V
IOL
DC output sink current at 0.4V
3.89
5.94
7.56
mA
IOH
DC output source current at VDD -0.4V
2.85
4.36
5.46
mA
IOHTTL
DC output source current at TTL high
10.9
21.5
29.75
mA
VIL
LOW level input voltage
0.71
V
VIH
HIGH level input voltage
2.68
V
VTLH
LOW to HIGH threshold voltage
2.03
2.39
2.68
V
VTHL
HIGH to LOW threshold voltage
0.71
0.83
1.0
V
VHYS
Hysteresis voltage
1.1
1.55
1.8
V
VOL
LOW level output voltage when IOL=4mA
0.4
V
RDN
Pad internal pulldown resister
122.08
160
267.31
Kohms
6.6 Switching Characteristics
SYMBOL
Description
MIN
TYP
MAX
UNIT
FX1
X1 crystal frequency
11.97
12
12.03
MHz
TCYC
X1 cycle time
83.3
ns
TX1L
X1 clock LOW time
0.45Tcyc
ns
TX1H
X1 clock HIGH time
0.45Tcyc
ns
Tr30pf
Output pad rise time from 10% to 90% swing with 30pF
loading
6
8
12
ns
Tf30pf
Output pad fall time from 10% to 90% swing with 30pF
loading
5.3
7
10.4
ns
Tr50pf
Output pad rise time from 10% to 90% swing with50pF
loading
9.5
13
19
ns
Tf50pf
Output pad fall time from 10% to 90% swing with 50pF
loading
7.7
10
16
ns
TrUSB
D+/D- rise time with 50pF loading
4
20
ns
TfUSB
D+/D- fall time with 50pF loading
4
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com