Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL620USB Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # GL620USB
Description  GeneLink-Lite USB PC-to-PC File Transfer Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GL620USB Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  GL620USB Datasheet HTML 1Page - List of Unclassifed Manufacturers GL620USB Datasheet HTML 2Page - List of Unclassifed Manufacturers GL620USB Datasheet HTML 3Page - List of Unclassifed Manufacturers GL620USB Datasheet HTML 4Page - List of Unclassifed Manufacturers GL620USB Datasheet HTML 5Page - List of Unclassifed Manufacturers GL620USB Datasheet HTML 6Page - List of Unclassifed Manufacturers GL620USB Datasheet HTML 7Page - List of Unclassifed Manufacturers GL620USB Datasheet HTML 8Page - List of Unclassifed Manufacturers GL620USB Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Revision 1.6
Nov. 16, 2000
-3-
GL620USB
1. Features
•
Conforms to USB 12Mbps Specification, Version 1.1
•
Patented architecture
•
Single chip solution for host-to-host communication
•
File transfer application software running on Windows 98 and Windows 2000
•
Up to 8.6Mbps transfer rate
•
Suitable for mobile and SOHO environment
•
Tiniest solution in the market – 16-pin SOP
•
On-chip 3.3V output
•
12MHz external clock
•
Internal power-on reset
•
Power management support



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com