Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL620USB Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # GL620USB
Description  GeneLink-Lite USB PC-to-PC File Transfer Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GL620USB Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button GL620USB Datasheet HTML 4Page - List of Unclassifed Manufacturers GL620USB Datasheet HTML 5Page - List of Unclassifed Manufacturers GL620USB Datasheet HTML 6Page - List of Unclassifed Manufacturers GL620USB Datasheet HTML 7Page - List of Unclassifed Manufacturers GL620USB Datasheet HTML 8Page - List of Unclassifed Manufacturers GL620USB Datasheet HTML 9Page - List of Unclassifed Manufacturers GL620USB Datasheet HTML 10Page - List of Unclassifed Manufacturers GL620USB Datasheet HTML 11Page - List of Unclassifed Manufacturers GL620USB Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Revision 1.6
Nov. 16, 2000
-8-
GL620USB
5. Pin Definitions and Descriptions
PIN
SYMBOL
I/O
DESCRIPTION
1
GPIO1
B
General purpose IO pin / Driving LED capability
2
GPIO2
B
General purpose IO pin / Driving LED capability
3
LVM
B
Left D-
4
LVP
B
Left D+
5
VCP
O
3.3V output
6
RVP
B
Right D+
7
RVM
B
Right D-
8
AGND
-
Ground
9
DGND
-
Ground
10
OSCSEL
I
Selection of clock type
11
EXTRST_
I
External reset
12
XTAL1
I
12M crystal input
13
XTAL2
O
Crystal output
14
GPIO3
B
General purpose IO pin
15
GPIO4
B
General purpose IO pin
16
VCC
-
5V power
1
2
3
4
14
7
6
5
VCC
OSCSEL
XTAL2
AGND
RVM
GPIO1
EXTRST_
LVM
13
10
12
11
9
8
DGND
GPIO2
GPIO3
GPIO4
LVP
XTAL1
RVP
VCP
16
15
16-pin SOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com