Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC24046 Datasheet(PDF) 21 Page - Microchip Technology

Part # MIC24046
Description  Pin-Programmable, 19V Input, 5A Step-Down Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24046 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MIC24046 Datasheet HTML 17Page - Microchip Technology MIC24046 Datasheet HTML 18Page - Microchip Technology MIC24046 Datasheet HTML 19Page - Microchip Technology MIC24046 Datasheet HTML 20Page - Microchip Technology MIC24046 Datasheet HTML 21Page - Microchip Technology MIC24046 Datasheet HTML 22Page - Microchip Technology MIC24046 Datasheet HTML 23Page - Microchip Technology MIC24046 Datasheet HTML 24Page - Microchip Technology MIC24046 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
2022 Microchip Technology Inc.
DS20006677A-page 21
MIC24046
5.2
Setting the Switching Frequency
The MIC24046 switching frequency can be pro-
grammed using the FREQ pin as shown in Table 5-1:
5.3
Setting the Output Voltage
The MIC24046 output voltage can be programmed by
setting pins VOSET0 and VOSET1, as shown in
Table 5-2.
To achieve accurate output voltage regulation, the
OUTSNS pin (internal feedback divider top terminal)
should be Kelvin-connected as close as possible to the
point-of-regulation top terminal. Since both the internal
reference and the internal feedback divider’s bottom
terminal refer to AGND, it is important to minimize volt-
age drops between the AGND and the point-of-regula-
tion return terminal.
5.4
Setting the Current Limit
The MIC24046 valley-mode current limit on the
low-side MOSFET can be programmed by means of
ILIM pin as shown in Table 5-3.
Note that the programmed current-limit values act as
pulse-by-pulse current-limit thresholds on the valley
inductor current. If the inductor current has not decayed
below the threshold at the time the PWM requires a
new ON time, the high-side MOSFET turn-on is either
delayed until the valley current recovers below the
threshold or skipped. Each time the high-side MOSFET
turn-on is skipped, a 4-bit up-down counter is incre-
mented. When the counter reaches the configuration
1111, a hiccup sequence is invoked in order to reduce
power dissipation under prolonged short-circuit condi-
tions.
The highest current-limit setting (6.8A) is intended to
comfortably accommodate a 5A application.
Ensure the value of the operating junction temperature
does not exceed the maximum rating in high output
power applications.
5.5
Inductor Selection and Slope
Compensation
When selecting an inductor, it is important to consider
the following factors:
• Inductance
• Rated current value
• Size requirements
• DC resistance (DCR)
• Core losses
The inductance value is critical to the operation of
MIC24046. Because the MIC24046 is a valley cur-
rent-mode regulator, it needs a slope compensation for
the stable current loop operation where duty cycles are
below 50%. Slope compensation is internally pro-
grammed according to the frequency and output volt-
age selection, assuming there is a minimum
inductance value for the given operating condition.
Table 5-4 lists the assumed minimum inductor values
recommended for stable current loop operation. Note
that the minimum suggested inductance values should
be met when taking into account inductor tolerance and
its change with current level.
TABLE 5-1:
SWITCHING FREQUENCY
SETTINGS
FREQ
Frequency
Hi-Z (Open)
400 kHz
0 (GND)
565 kHz
1 (VDDA)
790 kHz
TABLE 5-2:
OUTPUT VOLTAGE
SETTINGS
VOSET1
VOSET0
Output Voltage
0 (GND)
0 (GND)
3.3V
0 (GND)
1 (VDDA)
2.5V (2.49V)
1 (VDDA)
0 (GND)
1.8V
1 (VDDA)
1 (VDDA)
1.5V
0 (GND)
Hi-Z (Open)
1.2V
Hi-Z (Open)
0 (GND)
1.0V
1 (VDDA)
Hi-Z (Open)
0.9V
Hi-Z (Open)
1 (VDDA)
0.8V
Hi-Z (Open)
Hi-Z (Open)
0.7V
TABLE 5-3:
CURRENT-LIMIT SETTING
ILIM
Low-Side Valley
Current Limit
(Typical Value)
Rated Output
Current
0 (GND)
4.6 A
3A
1 (VDDA)
6.2 A
4A
Hi-Z (Open)
6.8 A
5A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com