Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC24046 Datasheet(PDF) 22 Page - Microchip Technology

Part # MIC24046
Description  Pin-Programmable, 19V Input, 5A Step-Down Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24046 Datasheet(HTML) 22 Page - Microchip Technology

Back Button MIC24046 Datasheet HTML 18Page - Microchip Technology MIC24046 Datasheet HTML 19Page - Microchip Technology MIC24046 Datasheet HTML 20Page - Microchip Technology MIC24046 Datasheet HTML 21Page - Microchip Technology MIC24046 Datasheet HTML 22Page - Microchip Technology MIC24046 Datasheet HTML 23Page - Microchip Technology MIC24046 Datasheet HTML 24Page - Microchip Technology MIC24046 Datasheet HTML 25Page - Microchip Technology MIC24046 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
MIC24046
DS20006677A-page 22
2022 Microchip Technology Inc.
The slope compensation is also internally adapted to
the input-output voltage differential.
In practical implementations of valley-current-mode
control, slope compensation is also added to any duty
cycle larger than 50% as part of improving current loop
stability and noise immunity for all input and output volt-
age ranges. Consequently, the MIC24046 adds internal
slope compensation signal up to 60% duty cycle.
Above this, no slope compensation is added. For this
reason, the PWM modulator gain exhibits an abrupt
change when the duty cycle exceeds 60%, possibly
leading to some increase in jitter and noise susceptibil-
ity.
If operation around and above 60% duty cycle is con-
sidered, a more conservative design of the compensa-
tion loop might help in reducing jitter and noise
sensitivity.
Inductor current ratings are generally stated as permis-
sible DC current and saturation current. Permissible
DC current can be rated for a 20°C to 40°C tempera-
ture rise. Saturation current can be rated for a 10% to
30% loss in inductance. Ensure that the nominal cur-
rent of the application is well within the permissible DC
current ratings of the inductor, depending on the
allowed temperature rise. Note that the inductor per-
missible DC current rating typically does not include
inductor core losses. These are very important contrib-
utors of total inductor core loss and temperature
increase in high-frequency DC/DC converters because
core losses increase rapidly with the excitation fre-
quency.
When saturation current is specified, make sure that
there are enough design margins so the peak current
does not cause the inductor to enter deep saturation.
Pay attention to the inductor saturation characteristic in
current limit. The inductor should not heavily saturate,
even in current limit operation. If there is heavy satura-
tion, the current may instantaneously run away and
reach potentially destructive levels. Typically, fer-
rite-core inductors exhibit an abrupt saturation charac-
teristic, while powdered-iron or composite inductors
have a soft-saturation characteristic. Peak current can
be calculated with Equation 5-4.
EQUATION 5-4:
As shown in Equation 5-4, the peak inductor current is
inversely proportional to the switching frequency and
the inductance. The lower the switching frequency or
inductance, the higher the peak current. As input volt-
age increases, the peak current also increases.
5.6
Output Capacitor Selection
Two main requirements determine the size and charac-
teristics of the output capacitor:
• Steady-state ripple
• Maximum voltage deviation during load transient
For steady-state ripple calculation, the ESR and the
capacitive ripple both contribute to the total ripple
amplitude.
From the switching frequency, input voltage, output
voltage setting, and load current, the peak-to-peak
inductor current ripple and the peak inductor current
can be calculated as:
EQUATION 5-5:
EQUATION 5-6:
The capacitive ripple ΔVR, C and the ESR ripple
ΔVR, ESR are given by:
TABLE 5-4:
RECOMMENDED
INDUCTANCE VALUES AT
VIN = 12V
VOUT Selection
Frequency
Minimum
Inductance
0.7V, 0.8V, 0.9V,
1.0V, 1.2V
400 kHz
0.97
565 kHz
0.68
790 kHz
0.49
1.5V, 1.8V
400 kHz
1.51
565 kHz
1.06
790 kHz
0.76
2.49V, 3.3V
400 kHz
2.42
565 kHz
1.70
790 kHz
1.21
IL PEAK
IO VO
1 VO VIN
–
2 f L
-----------------------------
+
=
IL_PP VO
1 VO VIN
–
fS L
-----------------------------
=
IL PEAK
IO
IL_PP
2
-----------------
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com