Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4425 Datasheet(PDF) 11 Page - Microchip Technology

Part # MIC4425
Description  Dual 3A Peak Low-Side MOSFET Drivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4425 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MIC4425 Datasheet HTML 7Page - Microchip Technology MIC4425 Datasheet HTML 8Page - Microchip Technology MIC4425 Datasheet HTML 9Page - Microchip Technology MIC4425 Datasheet HTML 10Page - Microchip Technology MIC4425 Datasheet HTML 11Page - Microchip Technology MIC4425 Datasheet HTML 12Page - Microchip Technology MIC4425 Datasheet HTML 13Page - Microchip Technology MIC4425 Datasheet HTML 14Page - Microchip Technology MIC4425 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006638A-page 11
MIC4423/4/5
4.3
Output Lead Inductance
The same descriptions just given for PCB land
inductance apply equally well for the output leads from
a driver to its load, except that commonly the load is
located much further away from the driver than the
driver’s ground bus.
Generally, the best way to treat the output lead
inductance problem, when distances greater than 4 cm
(2") are involved, requires treating the output leads as
a transmission line. Unfortunately, as both the output
impedance of the driver and the input impedance of the
MOSFET gate are at least an order of magnitude lower
than the impedance of common coax, using coax is
seldom a cost-effective solution. A twisted pair works
about as well, is generally lower in cost, and allows use
of a wider variety of connectors. The second wire of the
twisted pair should carry common from as close as
possible to the ground pin of the driver directly to the
ground terminal of the load. Do not use a twisted pair
where the second wire in the pair is the output of the
other driver, as this will not provide a complete current
path for either driver. Likewise, do not use a twisted
triad with two outputs and a common return unless both
of the loads to be driver are mounted extremely close
to each other, and you can guarantee that they will
never be switching at the same time.
For output leads on a printed circuit, the general rule is
to make them as short and as wide as possible. The
lands should also be treated as transmission lines: i.e.
minimize sharp bends, or narrowings in the land, as
these will cause ringing. For a rough estimate, on a
1.59 mm (0.062") thick G-10 PCB a pair of opposing
lands each 2.36 mm (0.093") wide translates to a
characteristic impedance of about 50Ω. Half that width
suffices on a 0.787 mm (0.031") thick board. For
accurate impedance matching with a MIC4423/24/25
driver, on a 1.59 mm (0.062") board a land width of
42.75 mm (1.683") would be required, due to the low
impedance of the driver and (usually) its load. This is
obviously impractical under most circumstances.
Generally the trade-off point between lands and wires
comes when lands narrower than 3.18 mm (0.125")
would be required on a 1.59 mm (0.062") board.
To obtain minimum delay between the driver and the
load, it is considered best to locate the driver as close
as possible to the load (using adequate bypassing).
Using matching transformers at both ends of a piece of
coax, or several matched lengths of coax between the
driver and the load, works in theory, but is not optimum.
4.4
Driving at Controlled Rates
Occasionally there are situations where a controlled
rise or fall time (which may be considerably longer than
the normal rise or fall time of the driver’s output) is
desired for a load. In such cases it is still prudent to
employ best possible practice in terms of bypassing,
grounding and PCB layout, and then reduce the
switching speed of the load (not the driver) by adding a
non-inductive series resistor of appropriate value
between the output of the driver and the load. For
situations where only rise or only fall should be slowed,
the resistor can be paralleled with a fast diode so that
switching in the other direction remains fast. Due to the
Schmitt trigger action of the driver’s input it is not
possible to slow the rate of rise (or fall) of the driver’s
input signal to achieve slowing of the output.
4.5
Input Stage
The input stage of the MIC4423/24/25 consists of a
single-MOSFET class A stage with an input
capacitance of ≤38 pF.
This capacitance represents the maximum load from
the driver that will be seen by its controlling logic. The
drain load on the input MOSFET is a –2 mA current
source. Thus, the quiescent current drawn by the driver
varies, depending on the logic state of the input.
Following the input stage is a buffer stage which
provides ~400 mV of hysteresis for the input, to prevent
oscillations when slowly-changing input signals are
used or when noise is present on the input. Input
voltage switching threshold is approximately 1.5V
which makes the driver directly compatible with TTL
signals, or with CMOS powered from any supply
voltage between 3V and 15V.
The MIC4423/24/25 drivers can also be driven directly
by the SG1524/25/26/27, TL494/95, TL594/95,
NE5560/61/62/68, TSC170, MIC38C42, and similar
switch mode power supply ICs. By relocating the main
switch drive function into the driver rather than using
the somewhat limited drive capabilities of a PWM IC.
The PWM IC runs cooler, which generally improves its
performance and longevity, and the main switches
switch faster, which reduces switching losses and
increase system efficiency.
The input protection circuitry of the MIC4423/24/25, in
addition to providing 2 kV or more of ESD protection,
also works to prevent latch-up or logic upset due to
ringing or voltage spiking on the logic input terminal. In
most CMOS devices when the logic input rises above
the power supply terminal, or descends below the
ground terminal, the device can be destroyed or
rendered inoperable until the power supply is cycled
OFF and ON. The MIC4423/24/25 drivers have been
designed to prevent this. Input voltages excursions as
great as 5V below ground will not alter the operation of
the device. Input excursions above the power supply
voltage will result in the excess voltage being
conducted to the power supply terminal of the IC.
Because the excess voltage is simply conducted to the
power terminal, if the input to the driver is left in a high
state when the power supply to the driver is turned off,
currents as high as 30 mA can be conducted through
the driver from the input terminal to its power supply
terminal. This may overload the output of whatever is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com