Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4425 Datasheet(PDF) 14 Page - Microchip Technology

Part # MIC4425
Description  Dual 3A Peak Low-Side MOSFET Drivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4425 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MIC4425 Datasheet HTML 10Page - Microchip Technology MIC4425 Datasheet HTML 11Page - Microchip Technology MIC4425 Datasheet HTML 12Page - Microchip Technology MIC4425 Datasheet HTML 13Page - Microchip Technology MIC4425 Datasheet HTML 14Page - Microchip Technology MIC4425 Datasheet HTML 15Page - Microchip Technology MIC4425 Datasheet HTML 16Page - Microchip Technology MIC4425 Datasheet HTML 17Page - Microchip Technology MIC4425 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
MIC4423/4/5
DS20006638A-page 14
2022 Microchip Technology Inc. and its subsidiaries
EXAMPLE 1: The MIC4423 operating on a 12V supply
driving two capacitive loads of 3000 pF each, operating
at 250 kHz, with a duty cycle of 50%, in a maximum
ambient of 60°C.
First, calculate load power loss:
Then, transition power loss:
Then quiescent power loss:
Total power dissipation, then, is:
Assuming an SOIC package, with JA of 120°C/W, this
will result in the junction running at 29.4°C above
ambient.
Given a maximum ambient temperature of 60°C, this
will result in a maximum junction temperature of
89.4°C.
EXAMPLE 2: A MIC4424 operating on a 15V input,
with one driver driving a 50Ω resistive load at 1 MHz,
with a duty cycle of 67%, and the other driver
quiescent, in a maximum ambient temperature of 40°C:
First, IO must be determined.
EQUATION 4-10:
Given RO from the characteristic curves then:
and:
because only one side is operating,
and
this assumes that the unused side of the driver has its
input grounded, which is more efficient = 0.015W.
Then,
In a ceramic package with an JA of 100°C/W, this
amount of power results in a junction temperature
given the maximum 40°C ambient of:
PL f C VS
 2
=
PL 250 000
3 109 3 109
+
122 0.2160W
=
=
PT f VS A s
250 000
12 2.2 10 6.6mW
=
=
=
PQ VS D IH 1 D
–
IL
+
12
0.5 0.0035
0.5 0.0003
+
0.0228W
=
=
=
PD 0.2160 0.0066 0.0228 0.2454W
=
+
+
=
0.2454 120 29.4C
=
PL I
2 R
O
D
=
IO VS RO RLOAD
+
=
IO 15 3.3 50
+
=
IO 0.281A
=
PL
0.281
2
3.3 0.67 0.174W
=
=
PT F VS A s
2
=
1 000 000
15 3.3 10 9
–
2 0.025W
=
=
PQ 15
0.67 0.00125
0.33 0.000125
1 0.000125
+
+
=
PD 0.174 0.025 0.0150 0.213W
=
+
+
=
0.213 100
40 61.4C
=
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com