Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4425 Datasheet(PDF) 12 Page - Microchip Technology

Part # MIC4425
Description  Dual 3A Peak Low-Side MOSFET Drivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4425 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MIC4425 Datasheet HTML 8Page - Microchip Technology MIC4425 Datasheet HTML 9Page - Microchip Technology MIC4425 Datasheet HTML 10Page - Microchip Technology MIC4425 Datasheet HTML 11Page - Microchip Technology MIC4425 Datasheet HTML 12Page - Microchip Technology MIC4425 Datasheet HTML 13Page - Microchip Technology MIC4425 Datasheet HTML 14Page - Microchip Technology MIC4425 Datasheet HTML 15Page - Microchip Technology MIC4425 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
MIC4423/4/5
DS20006638A-page 12
2022 Microchip Technology Inc. and its subsidiaries
driving the driver, and may cause other devices that
share the driver’s power supply, as well as the driver, to
operate when they are assumed to be off, but it will not
harm the driver itself. Excessive input voltage will also
slow the driver down, and result in much longer internal
propagation delays within the drivers. TD2, for example,
may increase to several hundred nanoseconds. In
general, while the driver will accept this sort of misuse
without damage, proper termination of the line feeding
the driver so that line spiking and ringing are
minimized, will always result in faster and more reliable
operation of the device, leave less EMI to be filtered
elsewhere, be less stressful to other components in the
circuit, and leave less chance of unintended modes of
operation.
4.6
Power Dissipation
CMOS circuits usually permit the user to ignore power
dissipation. Logic families such as 4000 series and
74Cxxx have outputs which can only source or sink a
few milliamps of current, and even shorting the output
of the device to ground or VCC may not damage the
device. CMOS drivers, on the other driver hand, are
intended to source or sink several Amps of current.
This is necessary in order to drive large capacitive
loads at frequencies into the megahertz range.
Package power dissipation of driver ICs can easily be
exceeded when driving large loads at high frequencies.
Care must therefore be paid to device dissipation when
operating in this domain.
The Supply Current vs Frequency and Supply Current
vs Load in the
Section 2.0 “Typical Performance
Curves” furnished with this data sheet aid in
estimating power dissipation in the driver. Operating
frequency, power supply voltage, and load all affect
power dissipation.
Given the power dissipation in the device, and the
thermal resistance of the package, junction operating
temperature for any ambient is easy to calculate. For
example, the thermal resistance of the 8-pin plastic DIP
package, from the data sheet, is 150°C/W. In a 25°C
ambient, then, using a maximum junction temperature
of 150°C, this package will dissipate 960 mW.
Accurate power dissipation numbers can be obtained
by summing the three sources of power dissipation in
the device:
• Load power dissipation (PL)
• Quiescent power dissipation (PQ)
• Transition power dissipation (PT)
Calculation of load power dissipation differs depending
on whether the load is capacitive, resistive or inductive.
4.7
Resistive Load Power Dissipation
Dissipation caused by a resistive load can be
calculated in the following Equation 4-1:
EQUATION 4-1:
4.8
Capacitive Load Power
Dissipation
Dissipation caused by a capacitive load is simply the
energy placed in, or removed from, the load
capacitance by the driver. The energy stored in a
capacitor is described in the following Equation 4-2:
EQUATION 4-2:
As this energy is lost in the driver each time the load is
charged or discharged, for power dissipation
calculations the 1/2 is removed. This equation also
shows that it is good practice not to place more voltage
in the capacitor than is necessary, as dissipation
increases as the square of the voltage applied to the
capacitor. For a driver with a capacitive load.
EQUATION 4-3:
PL I
2 R D
O
=
Where:
I =
The current drawn by the load
RO = The output resistance of the driver when the
output is high, at the power supply voltage
used (See
Section 2.0 “Typical Perfor-
mance Curves”)
D =
Fraction of time the load is conducting (duty
cycle)
E
1 2
C V2
=
PL f C VS
 2
=
Where:
f =
Operating frequency
C =
Load capacitance
VS = Driver supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com