Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5742B/2G Datasheet(PDF) 24 Page - Microchip Technology

Part # USB5742B/2G
Description  2-Port SS/HS USB Controller Hub
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5742B/2G Datasheet(HTML) 24 Page - Microchip Technology

Back Button USB5742B/2G Datasheet HTML 20Page - Microchip Technology USB5742B/2G Datasheet HTML 21Page - Microchip Technology USB5742B/2G Datasheet HTML 22Page - Microchip Technology USB5742B/2G Datasheet HTML 23Page - Microchip Technology USB5742B/2G Datasheet HTML 24Page - Microchip Technology USB5742B/2G Datasheet HTML 25Page - Microchip Technology USB5742B/2G Datasheet HTML 26Page - Microchip Technology USB5742B/2G Datasheet HTML 27Page - Microchip Technology USB5742B/2G Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
USB5742B
DS00002016H-page 24
 2022 Microchip Technology Inc. and its subsidiaries
7.0
DEVICE INTERFACES
The USB5742B provides multiple interfaces for configuration and external memory access. This section details the var-
ious device interfaces and their usage:
• SPI Master Interface
• SMBus Slave Interface
7.1
SPI Master Interface
The device is capable of code execution from an external SPI ROM. When configured for SPI Mode, on power up the
firmware looks for an external SPI flash device that contains a valid signature of 2DFU (device firmware upgrade) begin-
ning at address 0xFFFA. If a valid signature is found, then the external ROM is enabled and the code execution begins
at address 0x0000 in the external SPI device. If a valid signature is not found, then execution continues from internal
ROM.
7.2
SMBus Slave Interface
The device includes an integrated SMBus slave interface, which can be used to access internal device run time registers
or program the internal OTP memory. SMBus slave detection is accomplished by detection of pull-up resistors on both
the SMDAT and SMCLK signals. Refer to Section 3.4.1, "SPI/SMBus Configuration" for additional information.
Note:
For details on how to enable each interface, refer to Section 3.4.1, "SPI/SMBus Configuration".
For information on device connections, refer to Section 4.0, "Device Connections". For information on
device configuration, refer to Section 6.0, "Device Configuration".
Microchip provides a comprehensive software programming tool, Pro-Touch, for configuring the
USB5742B functions, registers and OTP memory. All configuration is to be performed via the Pro-Touch
programming tool. For additional information on the Pro-Touch programming tool, refer to Software Librar-
ies within Microchip USB5742B product page at www.microchip.com/USB5742B.
Note:
For SPI timing information, refer to Section 10.6.7, "SPI Timing".
Note:
All device configuration must be performed via the Pro-Touch Programming Tool. For additional information
on the Pro-Touch programming tool, refer to Software Libraries within Microchip USB5742B product page
at www.microchip.com/USB5742B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com