Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5742B/2G Datasheet(PDF) 36 Page - Microchip Technology

Part # USB5742B/2G
Description  2-Port SS/HS USB Controller Hub
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5742B/2G Datasheet(HTML) 36 Page - Microchip Technology

Back Button USB5742B/2G Datasheet HTML 32Page - Microchip Technology USB5742B/2G Datasheet HTML 33Page - Microchip Technology USB5742B/2G Datasheet HTML 34Page - Microchip Technology USB5742B/2G Datasheet HTML 35Page - Microchip Technology USB5742B/2G Datasheet HTML 36Page - Microchip Technology USB5742B/2G Datasheet HTML 37Page - Microchip Technology USB5742B/2G Datasheet HTML 38Page - Microchip Technology USB5742B/2G Datasheet HTML 39Page - Microchip Technology USB5742B/2G Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
USB5742B
DS00002016H-page 36
2022 Microchip Technology Inc. and its subsidiaries
10.6.3
RESET AND CONFIGURATION STRAP TIMING
Figure 10-4 illustrates the RESET_N pin timing requirements and its relation to the configuration strap pins. Assertion
of RESET_N is not a requirement. However, if used, it must be asserted for the minimum period specified. Refer to Sec-
tion 8.2, "Resets" for additional information on resets. Refer to Section 3.4, "Configuration Straps and Programmable
Functions" for additional information on configuration straps.
10.6.4
USB TIMING
All device USB signals conform to the voltage, power, and timing characteristics/specifications as set forth in the Uni-
versal Serial Bus Specification
. Please refer to the Universal Serial Bus Revision 3.2 Specification, available at http://
www.usb.org/developers/docs.
10.6.5
I2C TIMING
All device I2C signals conform to the 400KHz Fast Mode (Fm) voltage, power, and timing characteristics/specifications
as set forth in the I2C-Bus Specification. Please refer to the I2C-Bus Specification, available at http://www.nxp.com/doc-
uments/user_manual/UM10204.pdf.
10.6.6
SMBUS TIMING
All device SMBus signals conform to the voltage, power, and timing characteristics/specifications as set forth in the Sys-
tem Management Bus Specification.
Please refer to the System Management Bus Specification, Version 1.0, available
at http://smbus.org/specs.
FIGURE 10-4:
RESET_N CONFIGURATION STRAP TIMING
TABLE 10-7:
RESET_N CONFIGURATION STRAP TIMING
Symbol
Description
Min
Typ
Max
Units
trstia
RESET_N input assertion time
5
s
tcsh
Configuration strap pins hold after RESET_N deassertion
1
ms
Note:
The clock input must be stable prior to RESET_N deassertion.
Configuration strap latching and output drive timings shown assume that the Power-On reset has finished
first otherwise the timings in Section 10.6.2, "Power-On and Configuration Strap Timing" apply.
RESET_N
Configuration
Straps
trstia
tcsh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com