Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5742B/2G Datasheet(PDF) 44 Page - Microchip Technology

Part # USB5742B/2G
Description  2-Port SS/HS USB Controller Hub
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5742B/2G Datasheet(HTML) 44 Page - Microchip Technology

Back Button USB5742B/2G Datasheet HTML 40Page - Microchip Technology USB5742B/2G Datasheet HTML 41Page - Microchip Technology USB5742B/2G Datasheet HTML 42Page - Microchip Technology USB5742B/2G Datasheet HTML 43Page - Microchip Technology USB5742B/2G Datasheet HTML 44Page - Microchip Technology USB5742B/2G Datasheet HTML 45Page - Microchip Technology USB5742B/2G Datasheet HTML 46Page - Microchip Technology USB5742B/2G Datasheet HTML 47Page - Microchip Technology USB5742B/2G Datasheet HTML 48Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
USB5742B
DS00002016H-page 44
2022 Microchip Technology Inc. and its subsidiaries
APPENDIX A: DATA SHEET REVISION HISTORY
TABLE A-1:
REVISION HISTORY
Revision Level & Date
Section/Figure/Entry
Correction
DS00002016H (04-27-22)
Throughout document
Updated document with new part number
“USB5742B” throughout representing latest B
step silicon.
DS00002016G (03-09-22)
Table 3-1
Updated pin reset states.
DS00002016F (07-21-20)
“USB 3.1” changed to “USB 3.2” throughout document.
Table 3-2, "Pin Reset State Legend"
Table added.
Pin Descriptions on page 10
“Reset State” column added to Pin Assign-
ment table.
Notes added to tables explaining what to do
with certain pins when unused.
Section 10.2, "Operating Condi-
tions**"
Supply Voltage Rise Time increased to 5ms.
Section FIGURE 10-1:, "Supply Rise
Time Model"
Note added following diagram.
DS00002016E (11-11-19)
Product Identification System on page
46
Added additional “SEU” ordering code option.
DS00002016D (07-20-18)
FIGURE 10-2: on page 35 and
Table 10-5, "Power Supply and
RESET_N Sequence Timing"
Rise time modified: “VDD33 to VDD12”
changed to “VDD12” to VDD33”.
Section 9.0, "Compliance Update"
TID number added to first paragraph.
DS00002016C (06-12-18)
Cover
Added new Highlight bullet/sub-bullets regard-
ing USB-IF ECN support: “USB-IF certified
(TID 330000076), supporting latest Engineer-
ing Change Notices for compliance with USB-
IF logo testing for new USB Type-CTM
industry initiative”.
Section 1.2, "Reference Documents"
Updated USB specification reference.
Section 9.0, "Compliance Update"
Added new Compliance Update section.
FIGURE 10-2: on page 35 and
Table 10-5, "Power Supply and
RESET_N Sequence Timing"
Rise time modified: “VDD12 to VDD33”
changed to “VDD33” to VDD12”.
DS00002016B (06-06-16)
Section 11.0, Package Information
Added top marking information and land pat-
tern drawing.
Product Identification System on page
46
Added package with hub feature controller
disabled
Cover, Product Identification System
Added industrial temperature option.
All
Updated “SQFN” references to “VQFN”.
Name change only.
Section 8.4.2.1, Port Power Control
using USB Power Switch
Added additional information on overcurrent
detection methods.
Section 10.6.1, Power Supply and
RESET_N Sequence Timing
Added Power Supply and RESET_N
Sequence Timing section.
Section 10.6.5, I2C Timing
“100kHz Standard Mode (Sm)” updated to
“400kHz Fast Mode (Fm)”, since the device
supports up to 400kHz I2C operation.
DS00002016A (09-10-15)
All
Initial Release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com