Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950218 Datasheet(PDF) 13 Page - Integrated Circuit Systems

Part # ICS950218
Description  Programmable Timing Control Hub TM for P4 TM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950218 Datasheet(HTML) 13 Page - Integrated Circuit Systems

Back Button ICS950218 Datasheet HTML 9Page - Integrated Circuit Systems ICS950218 Datasheet HTML 10Page - Integrated Circuit Systems ICS950218 Datasheet HTML 11Page - Integrated Circuit Systems ICS950218 Datasheet HTML 12Page - Integrated Circuit Systems ICS950218 Datasheet HTML 13Page - Integrated Circuit Systems ICS950218 Datasheet HTML 14Page - Integrated Circuit Systems ICS950218 Datasheet HTML 15Page - Integrated Circuit Systems ICS950218 Datasheet HTML 16Page - Integrated Circuit Systems ICS950218 Datasheet HTML 17Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13
Integrated
Circuit
Systems, Inc.
ICS950218
0466B—03/17/04
Absolute Maximum Ratings
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5 V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to VDD +0.5 V
Ambient Operating Temperature . . . . . . . . . . . . . . . . . 0°C to +70°C
Case Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 115°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Stresses above those listed under
Absolute Maximum Ratings may cause permanent damage to the device. These ratings are
stress specifications only and functional operation of the device at these or any other conditions above those listed in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect product reliability.
Byte 23: Slew Rate Control Register
t
i
Be
m
a
ND
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
Bd
e
v
r
e
s
e
RX
d
e
v
r
e
s
e
R
6
t
i
Bd
e
v
r
e
s
e
RX
5
t
i
Bd
e
v
r
e
s
e
R1
4
t
i
Bd
e
v
r
e
s
e
R0
3
t
i
B1
w
e
l
S
z
H
M
8
41
.
s
t
i
b
l
o
r
t
n
o
c
e
t
a
r
w
e
l
s
k
c
o
l
c
z
H
M
8
4
k
k
a
e
w
=
0
1
;
l
a
m
r
o
n
=
1
1
:
g
n
o
r
t
s
=
1
0
2
t
i
B0
w
e
l
S
z
H
M
8
40
1
t
i
B1
w
e
l
S
z
H
M
8
4
_
4
21
.
s
t
i
b
l
o
r
t
n
o
c
e
t
a
r
w
e
l
s
k
c
o
l
c
z
H
M
8
4
_
4
2
k
a
e
w
=
0
1
;
l
a
m
r
o
n
=
1
1
:
g
n
o
r
t
s
=
1
0
0
t
i
B0
w
e
l
S
z
H
M
8
4
_
4
20
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70°C; Supply Voltage VDD = 3.3 V +/-5%
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Voltage
VIH
2
VDD + 0.3
V
Input Low Voltage
VIL
VSS - 0.3
0.8
V
Input High Current
IIH
VIN = VDD
-5
5
IIL1
VIN = 0 V; Inputs with no pull-up resistors
-5
IIL2
VIN = 0 V; Inputs with pull-up resistors
-200
IDD3.3OP1
CL = 0pF; Select @ 66 MHz
90
100
IDD3.3OP2
CL = Full load; Select @ 100 MHz
230
360
IDD3.3OP3
CL =Full load; Select @ 133 MHz
233
360
Powerdown Current
IDD3.3PD
IREF=5 mA
38.1
45
Input Frequency
Fi
VDD = 3.3 V
14.32
MHz
Pin Inductance
Lpin
7nH
CIN
Logic Inputs
5pF
COUT
Output pin capacitance
6pF
CINX
X1 & X2 pins
27
36
45
pF
Transition time
1
Ttrans
To 1st crossing of target frequency
3ms
Settling time
1
Ts
From 1st crossing to 1% target frequency
3ms
Clk Stabilization
1
TSTAB
From VDD = 3.3 V to 1% target frequency
13
ms
tPZH,tPZL
Output enable delay (all outputs)
110
ns
tPHZ,tPLZ
Output disable delay (all outputs)
110
ns
1Guaranteed by design, not 100% tested in production.
Delay
1
Input Capacitance
1
Input Low Current
mA
Operating Supply
Current
µΑ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com