Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950218 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS950218
Description  Programmable Timing Control Hub TM for P4 TM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950218 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS950218 Datasheet HTML 1Page - Integrated Circuit Systems ICS950218 Datasheet HTML 2Page - Integrated Circuit Systems ICS950218 Datasheet HTML 3Page - Integrated Circuit Systems ICS950218 Datasheet HTML 4Page - Integrated Circuit Systems ICS950218 Datasheet HTML 5Page - Integrated Circuit Systems ICS950218 Datasheet HTML 6Page - Integrated Circuit Systems ICS950218 Datasheet HTML 7Page - Integrated Circuit Systems ICS950218 Datasheet HTML 8Page - Integrated Circuit Systems ICS950218 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Integrated
Circuit
Systems, Inc.
ICS950218
0466B—03/17/04
*MULTISEL1/REF1
VDDREF
X1
X2
GND
*FS2/PCICLK0
*FS3/PCICLK1
SEL48_24#/PCICLK2
VDDPCI
*FS4/PCICLK3
PCICLK4
PCICLK5
GND
PCICLK6
PCICLK7
PCICLK8
PCICLK9
VDDPCI
Vtt_PWRGD#
RESET#
GND
*FS0/48MHz
*FS1/24_48MHz
AVDD48
1
**
REF0/MULTSEL0*
GND
VDDCPU
CPUCLKT2
CPUCLKC2
GND
PD#
CPUCLKT0
CPUCLKC0
VDDCPU
CPUCLKT1
CPUCLKC1
GND
I REF
AVDD
GND
VDD3V66
3V66_0
3V66_1
GND
3V66_2
3V66_48MHz/SEL66_48#
SCLK
SDATA
*
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
Pin Configuration
Recommended Application:
Brookdale and Brookdale-G chipset with P4 processor.
Output Features:
3 - Pairs of differential CPU clocks (differential current
mode)
3 - 3V66 @ 3.3V
10 - PCI @ 3.3V
1 - 48MHz @ 3.3V fixed
2 - REF @ 3.3V, 14.318MHz
1 - 48_66MHz selectable @ 3.3V fixed
1 - 24_48MHz selectable @ 3.3V
Programmable Timing Control Hub™ for P4™
48-Pin 300-mil SSOP
2
t
i
B7
t
i
B6
t
i
B5
t
i
B4
t
i
B
K
L
C
U
P
C
z
H
M
6
6
V
3
z
H
M
K
L
C
I
C
P
z
H
M
4
S
F3
S
F2
S
F1
S
F0
S
F
00
0
0
0
0
0
.
2
0
10
0
.
8
60
0
.
4
3
00
0
0
1
0
0
.
5
0
10
0
.
0
70
0
.
5
3
00
0
1
0
0
0
.
8
0
10
0
.
2
70
0
.
6
3
00
0
1
1
0
0
.
1
1
10
0
.
4
70
0
.
7
3
00
1
0
0
0
0
.
4
1
10
0
.
6
70
0
.
8
3
00
1
0
1
0
0
.
7
1
10
0
.
8
70
0
.
9
3
00
1
1
0
0
0
.
0
2
10
0
.
0
80
0
.
0
4
00
1
1
1
0
0
.
3
2
10
0
.
2
80
0
.
1
4
01
0
0
0
0
0
.
6
2
10
0
.
2
70
0
.
6
3
01
0
0
1
0
0
.
0
3
10
3
.
4
70
1
.
7
3
01
0
1
0
0
0
.
6
3
10
0
.
8
60
0
.
4
3
01
0
1
1
0
0
.
0
4
10
0
.
0
70
0
.
5
3
01
1
0
0
0
0
.
4
4
10
0
.
2
70
0
.
6
3
01
1
0
1
0
0
.
8
4
10
0
.
4
70
0
.
7
3
01
1
1
0
0
0
.
2
5
10
0
.
6
70
0
.
8
3
01
1
1
1
0
0
.
6
5
10
0
.
8
70
0
.
9
3
10
0
0
0
0
0
.
0
6
10
0
.
0
80
0
.
0
4
10
0
0
1
0
0
.
4
6
10
0
.
2
80
0
.
1
4
10
0
1
0
0
6
.
6
6
10
6
.
6
60
3
.
3
3
10
0
1
1
0
0
.
0
7
10
0
.
8
60
0
.
4
3
10
1
0
0
0
0
.
5
7
10
0
.
0
70
0
.
5
3
10
1
0
1
0
0
.
0
8
10
0
.
2
70
0
.
6
3
10
1
1
0
0
0
.
5
8
10
0
.
4
70
0
.
7
3
10
1
1
1
0
0
.
0
9
10
0
.
6
70
0
.
8
3
11
0
0
0
0
8
.
6
60
8
.
6
60
4
.
3
3
11
0
0
1
0
2
.
0
0
10
8
.
6
60
4
.
3
3
11
0
1
0
0
6
.
3
3
10
8
.
6
60
4
.
3
3
11
0
1
1
0
4
.
0
0
20
8
.
6
60
4
.
3
3
11
1
0
0
0
6
.
6
60
6
.
6
60
3
.
3
3
11
1
0
1
0
0
.
0
0
10
6
.
6
60
3
.
3
3
11
1
1
0
0
0
.
0
0
20
6
.
6
60
3
.
3
3
11
1
1
1
3
3
.
3
3
10
6
.
6
60
3
.
3
3
Frequency Table
1 This output has 2X drive
* Internal Pull-up resistor of 120K to VDD
** Internal Pull-down resistor of 120K to GND
Features/Benefits:
Programmable output frequency.
Programmable output divider ratios.
Programmable output rise/fall time.
Programmable output skew.
Programmable spread percentage for EMI control.
Watchdog timer technology to reset system
if system malfunctions.
Programmable watch dog safe frequency.
Support I
2C Index read/write and block read/write
operations.
Uses external 14.318MHz crystal.
Key Specifications:
CPU Output Jitter <150ps
3V66 Output Jitter <250ps
CPU Output Skew <100ps


Similar Part No. - ICS950218

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS950218 RENESAS-ICS950218 Datasheet
322Kb / 20P
Programmable Timing Control Hub™ for P4™
2019
ICS950218YFLF-T RENESAS-ICS950218YFLF-T Datasheet
322Kb / 20P
Programmable Timing Control Hub™ for P4™
2019
More results

Similar Description - ICS950218

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950201 ICST-ICS950201 Datasheet
206Kb / 16P
Programmable Timing Control Hub??for P4?
ICS950905 ICST-ICS950905 Datasheet
206Kb / 18P
Programmable Timing Control Hub??for P4?
ICS950910 ICST-ICS950910 Datasheet
183Kb / 20P
Programmable Timing Control Hub for P4
ICS950908 ICST-ICS950908 Datasheet
279Kb / 22P
Programmable Timing Control Hub??for P4?
ICS950902 ICST-ICS950902 Datasheet
184Kb / 20P
Programmable Timing Control Hub??for P4?
ICS950703 ICST-ICS950703 Datasheet
158Kb / 24P
PROGRAMMABLE TIMING CONTROL HUB FOR P4
ICS950208 ICST-ICS950208 Datasheet
133Kb / 19P
Programmable Timing Control Hub for P4
ICS950220 ICST-ICS950220 Datasheet
170Kb / 20P
Programmable Timing Control Hub??for P4?
logo
Integrated Device Techn...
ICS950910 IDT-ICS950910 Datasheet
218Kb / 21P
Programmable Timing Control Hub??for P4?
logo
Integrated Circuit Solu...
ICS950220AFLFT ICSI-ICS950220AFLFT Datasheet
238Kb / 20P
Programmable Timing Control Hub??for P4?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com