Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950218 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS950218
Description  Programmable Timing Control Hub TM for P4 TM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950218 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS950218 Datasheet HTML 1Page - Integrated Circuit Systems ICS950218 Datasheet HTML 2Page - Integrated Circuit Systems ICS950218 Datasheet HTML 3Page - Integrated Circuit Systems ICS950218 Datasheet HTML 4Page - Integrated Circuit Systems ICS950218 Datasheet HTML 5Page - Integrated Circuit Systems ICS950218 Datasheet HTML 6Page - Integrated Circuit Systems ICS950218 Datasheet HTML 7Page - Integrated Circuit Systems ICS950218 Datasheet HTML 8Page - Integrated Circuit Systems ICS950218 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
Integrated
Circuit
Systems, Inc.
ICS950218
0466B—03/17/04
The ICS950218 is a single chip clock solution for desktop designs using the Intel Brookdale chipset with PC133 or DDR
memory. It provides all necessary clock signals for such a system.
The ICS950218 is part of a whole new line of ICS clock generators and buffers called TCH™ (Timing Control Hub). ICS is the
first to introduce a whole product line which offers full programmability and flexibility on a single clock device. This part
incorporates ICS's newest clock technology which offers more robust features and functionality. Employing the use of a
serially programmable I
2C interface, this device can adjust the output clocks by configuring the frequency setting, the output
divider ratios, selecting the ideal spread percentage, the output skew, the output strength, and enabling/disabling each
individual output clock. TCH also incorporates ICS's Watchdog Timer technology and a reset feature to provide a safe setting
under unstable system conditions. M/N control can configure output frequency with resolution up to 0.1MHz increment. With
all these programmable features ICS's, TCH makes mother board testing, tuning and improvement very simple.
General Description
Block Diagram
PLL2
PLL1
Spread
Spectrum
48MHz
PCICLK (9:0)
3V66 (2:0)
24_48MHz
X1
X2
XTAL
OSC
CPU
DIVDER
PCI
DIVDER
3V66
DIVDER
PD#
MULTSEL(1:0)
SDATA
SCLK
Vtt_PWRGD#
SEL 48_24#
SEL 66_48#
FS (4:0)
I REF
RESET#
Control
Logic
Config.
Reg.
REF (1:0)
3
10
4
3
CPUCLKT (2:0)
CPUCLKC (2:0)
/ 2
3V66
DIVDER
3V66_48MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com