Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX5043 Datasheet(PDF) 39 Page - ON Semiconductor

Part # AX5043
Description  Advanced High Performance ASK and FSK Narrow-band Transceiver for 27-1050 MHz Range
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5043 Datasheet(HTML) 39 Page - ON Semiconductor

Back Button AX5043 Datasheet HTML 35Page - ON Semiconductor AX5043 Datasheet HTML 36Page - ON Semiconductor AX5043 Datasheet HTML 37Page - ON Semiconductor AX5043 Datasheet HTML 38Page - ON Semiconductor AX5043 Datasheet HTML 39Page - ON Semiconductor AX5043 Datasheet HTML 40Page - ON Semiconductor AX5043 Datasheet HTML 41Page - ON Semiconductor AX5043 Datasheet HTML 42Page - ON Semiconductor AX5043 Datasheet HTML 43Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
AX5043
www.onsemi.com
39
Using the Single−ended PA
Figure 16. Typical Application Diagram with Single−ended Antenna, Single−ended Internal PA,
without RX/TX Switch
VDD_ANA
GND
ANTP
ANTN
ANTP1
GND
VDD_ANA
ANTSEL
PWRAMP
IRQ
NC
MOSI
MISO
CLK
AX5043
50 W
NOTE: For details and recommendations on implementing this configuration refer to the AX5043 Application Note:
0 dBm / 8 mA TX and 9.5 mA RX Configuration for the 868 MHz Band.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com