Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX5043 Datasheet(PDF) 21 Page - ON Semiconductor

Part # AX5043
Description  Advanced High Performance ASK and FSK Narrow-band Transceiver for 27-1050 MHz Range
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5043 Datasheet(HTML) 21 Page - ON Semiconductor

Back Button AX5043 Datasheet HTML 17Page - ON Semiconductor AX5043 Datasheet HTML 18Page - ON Semiconductor AX5043 Datasheet HTML 19Page - ON Semiconductor AX5043 Datasheet HTML 20Page - ON Semiconductor AX5043 Datasheet HTML 21Page - ON Semiconductor AX5043 Datasheet HTML 22Page - ON Semiconductor AX5043 Datasheet HTML 23Page - ON Semiconductor AX5043 Datasheet HTML 24Page - ON Semiconductor AX5043 Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
AX5043
www.onsemi.com
21
Packet Modes
The AX5043 offers different packet modes. For arbitrary
packet sizes HDLC is recommended since the flag and
bit−stuffing mechanism. The AX5043 also offers packet
modes with fixed packet length with a byte indicating the
length of the packet.
In packet modes a CRC can be computed automatically.
HDLC Mode is the main framing mode of the AX5043. In
this mode, the AX5043 performs automatic packet
delimiting, and optional packet correctness check by
inserting and checking a cyclic redundancy check (CRC)
field.
NOTE: HDLC mode follows High−Level Data Link
Control (HDLC, ISO 13239) protocol.
The packet structure is given in the following table.
Table 20. HDLC PACKET STRUCTURE
Flag
Address
Control
Information
FCS
(Optional Flag)
8 bit
8 bit
8 or 16 bit
Variable length, 0 or more bits in multiples of 8
16 / 32 bit
8 bit
HDLC packets are delimited with flag sequences of
content 0x7E.
In AX5043 the meaning of address and control is user
defined. The Frame Check Sequence (FCS) can be
programmed to be CRC−CCITT, CRC−16 or CRC−32.
The receiver checks the CRC, the result can be retrieved
from the FIFO, the CRC is appended to the received data.
In Wireless M−Bus Mode, the packet structure is given in
the following table.
NOTE: Wireless M−Bus mode follows EN13757−4
Table 21. WIRELESS M−BUS PACKET STRUCTURE
Preamble
L
C
M
A
FCS
Optional Data Block
(optionally repeated with FCS)
FCS
variable
8 bit
8 bit
16 bit
48 bit
16 bit
8 − 96 bit
16 bit
For details on implementing a HDLC communication as
well as Wireless M−Bus please use the AXSEM RadioLab
software and see the AX5043 Programming Manual.
Raw Modes
In Raw mode, the AX5043 does not perform any packet
delimiting or byte synchronization. It simply serializes
transmit bytes and de−serializes the received bit−stream and
groups it into bytes. This mode is ideal for implementing
legacy protocols in software.
Raw mode with preamble match is similar to raw mode.
In this mode, however, the receiver does not receive
anything until it detects a user programmable bit pattern
(called the preamble) in the receive bit−stream. When it
detects the preamble, it aligns the de−serialization to it.
The preamble can be between 4 and 32 bits long.
RX AGC and RSSI
AX5043 features three receiver signal strength indicators
(RSSI):
1. RSSI before the digital IF channel filter.
The gain of the receiver is adjusted in order to
keep the analog IF filter output level inside the
working range of the ADC and demodulator. The
register AGCCOUNTER contains the current
value of the AGC and can be used as an RSSI. The
step size of this RSSI is 0.625 dB. The value can
be used as soon as the RF frequency generation
sub−system has been programmed.
2. RSSI behind the digital IF channel filter.
The register RSSI contains the current value of the
RSSI behind the digital IF channel filter. The step
size of this RSSI is 1 dB.
3. RSSI behind the digital IF channel filter high
accuracy.
The demodulator also provides amplitude
information in the TRK_AMPLITUDE register.
By combining both the AGCCOUNTER and the
TRK_AMPLITUDE registers, a high resolution
(better than 0.1 dB) RSSI value can be computed
at the expense of a few arithmetic operations on
the micro−controller. The AXSEM RadioLab
Software calculates the necessary register settings
for best performance and details can be found in
the AX5043 Programming Manual.
Modulator
Depending on the transmitter settings the modulator
generates various inputs for the PA:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com