Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX5043 Datasheet(PDF) 13 Page - ON Semiconductor

Part # AX5043
Description  Advanced High Performance ASK and FSK Narrow-band Transceiver for 27-1050 MHz Range
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5043 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button AX5043 Datasheet HTML 9Page - ON Semiconductor AX5043 Datasheet HTML 10Page - ON Semiconductor AX5043 Datasheet HTML 11Page - ON Semiconductor AX5043 Datasheet HTML 12Page - ON Semiconductor AX5043 Datasheet HTML 13Page - ON Semiconductor AX5043 Datasheet HTML 14Page - ON Semiconductor AX5043 Datasheet HTML 15Page - ON Semiconductor AX5043 Datasheet HTML 16Page - ON Semiconductor AX5043 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
AX5043
www.onsemi.com
13
Table 12. RECEIVER
Symbol
Description
Condition
Min
Typ
Max
Units
SBR
Signal bit rate
0.1
125
kbps
ISBER868
Input sensitivity at BER = 10−3
for 868 MHz operation,
continuous data,
without FEC
FSK, h = 0.5, 100 kbps
−106
dBm
FSK, h = 0.5, 10 kbps
−116
FSK, 500 Hz deviation, 1.2 kbps
−126
PSK, 100 kbps
−109
PSK, 10 kbps
−120
PSK, 1 kbps
−130
ISBER868FEC
Input sensitivity at BER = 10−3,
for 868 MHz operation, continu-
ous data,
with FEC
FSK, h = 0.5, 50 kbps
−111
dBm
FSK, h = 0.5, 5 kbps
−122
FSK, 500 Hz deviation, 0.1 kbps
−137
ISPER868
Input sensitivity at PER = 1%,
for 868 MHz operation, 144 bit
packet data, without FEC
FSK, h = 0.5, 100 kbps
−103
dBm
FSK, h = 0.5, 10 kbps
−115
FSK, 1.2 kbps
−125
ISWOR868
Input sensitivity at PER = 1%
for 868 MHz operation, 144 bit
packet data, WOR−mode, with-
out FEC
FSK, h = 0.5, 100 kpbs
−102
dBm
IL
Maximum input level
Full selectivity
0
dBm
ILmax
Maximum input level
FSK, reduced selectivity
10
CP1dB
Input referred compression point
2 tones separated by 100 kHz
−35
dBm
RSSIR
RSSI control range
FSK, 500 Hz deviation, 1.2 kbps
−126
−46
dB
RSSIS1
RSSI step size
Before digital channel filter; calculated
from register AGCCOUNTER
0.625
dB
RSSIS2
RSSI step size
Behind digital channel filter; calculated
from registers AGCCOUNTER, TRKAM-
PL
0.1
dB
RSSIS3
RSSI step size
Behind digital channel filter; reading reg-
ister RSSI
1
dB
SEL868
Adjacent channel suppression
25 kHz channels , Note 1
45
dB
100 kHz channels, Note 1
47
BLK868
Blocking at ± 10 MHz offset
Note 2
78
dB
RAFC
AFC pull−in range
The AFC pull−in range can be pro-
grammed with the MAXRFOFFSET reg-
isters.
The AFC response time can be pro-
grammed with the FREQGAIND regis-
ter.
± 15
%
RDROFF
Bitrate offset pull−in range
The bitrate pull−in range can be pro-
grammed with the MAXDROFFSET reg-
isters.
± 10
%
1. Interferer/Channel @ BER = 10−3, channel level is +3 dB above the typical sensitivity, the interfering signal is CW; channel signal is
modulated with shaping
2. Channel/Blocker @ BER = 10−3, channel level is +3 dB above the typical sensitivity, the blocker signal is CW; channel signal is modulated
with shaping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com