Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M6060P Datasheet(PDF) 1 Page - Vishay Siliconix

Part # M6060P
Description  Dual Common Cathode Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M6060P Datasheet(HTML) 1 Page - Vishay Siliconix

  M6060P Datasheet HTML 1Page - Vishay Siliconix M6060P Datasheet HTML 2Page - Vishay Siliconix M6060P Datasheet HTML 3Page - Vishay Siliconix M6060P Datasheet HTML 4Page - Vishay Siliconix M6060P Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
M6035P, M6045P, M6060P
www.vishay.com
Vishay General Semiconductor
Revision: 26-May-2020
1
Document Number: 88980
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Dual Common Cathode Schottky Rectifier
FEATURES
• Power pack
• Guardring for overvoltage protection
• Low power losses, high efficiency
• Low forward voltage drop
• High forward surge capability
• High frequency operation
• Solder dip 275 °C max.10 s, per JESD 22-B106
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For use in low voltage, high frequency rectifier of switching
mode
power
supplies,
freewheeling
diodes,
DC/DC
converters, or polarity protection application.
MECHANICAL DATA
Case: TO-3P (TO-247AD)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Terminals:
matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity: as marked
Mounting Torque: 10 in-lbs maximum
PRIMARY CHARACTERISTICS
IF(AV)
2 x 30 A
VRRM
35 V, 45 V, 60 V
IFSM
350 A
VF at IF = 30 A
0.50 V, 0.56 V
TJ max.
150 °C
Package
TO-3P (TO-247AD)
Circuit configurations
Common cathode
TO-3P (TO-247AD)
1
2
3
PIN 1
PIN 3
CASE
PIN 2
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
M6035P
M6045P
M6060P
UNIT
Maximum repetitive peak reverse voltage
VRRM
35
45
60
V
Maximum average forward rectified current at (fig.1)
total device
IF(AV)
60
A
per diode
30
Peak forward surge current 8.3 ms single half sine-wave superimposed
on rated load per diode
IFSM
350
A
Peak repetitive reverse current at tp = 2 μs, 1 kHz per diode
IRRM
2.0
A
Voltage rate of change (rated VR)
dV/dt
10 000
V/μs
Operating junction and storage temperature range
TJ, TSTG
-65 to +150
°C


Similar Part No. - M6060P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M6060P VISHAY-M6060P Datasheet
114Kb / 5P
Dual Common-Cathode Schottky Rectifier
21-Nov-12
M6060P VISHAY-M6060P Datasheet
93Kb / 6P
Dual Common-Cathode Schottky Rectifier
21-Nov-12
M6060P-E3/45 VISHAY-M6060P-E3/45 Datasheet
114Kb / 5P
Dual Common-Cathode Schottky Rectifier
21-Nov-12
More results

Similar Description - M6060P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M6035P VISHAY-M6035P Datasheet
114Kb / 5P
Dual Common-Cathode Schottky Rectifier
21-Nov-12
MBR25H35CT VISHAY-MBR25H35CT Datasheet
160Kb / 5P
Dual Common-Cathode Schottky Rectifier
19-May-08
MBR30H35PT VISHAY-MBR30H35PT Datasheet
104Kb / 4P
Dual Common-Cathode Schottky Rectifier
19-May-08
MBR1535CT VISHAY-MBR1535CT_07 Datasheet
505Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
MBR3035CT VISHAY-MBR3035CT Datasheet
499Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
SBL1630CT VISHAY-SBL1630CT_08 Datasheet
156Kb / 5P
Dual Common-Cathode Schottky Rectifier
07-May-08
SBL2030PT VISHAY-SBL2030PT Datasheet
383Kb / 4P
Dual Common-Cathode Schottky Rectifier
25-Mar-08
SBL3030PT VISHAY-SBL3030PT Datasheet
378Kb / 4P
Dual Common-Cathode Schottky Rectifier
25-Mar-08
logo
KODENSHI_AUK CORP.
SDB1060DI KODENSHI-SDB1060DI Datasheet
210Kb / 5P
DUAL COMMON CATHODE SCHOTTKY RECTIFIER
logo
Vishay Siliconix
MBR1560CT-E3-45 VISHAY-MBR1560CT-E3-45 Datasheet
488Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com