Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M6060P Datasheet(PDF) 2 Page - Vishay Siliconix

Part # M6060P
Description  Dual Common Cathode Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M6060P Datasheet(HTML) 2 Page - Vishay Siliconix

  M6060P Datasheet HTML 1Page - Vishay Siliconix M6060P Datasheet HTML 2Page - Vishay Siliconix M6060P Datasheet HTML 3Page - Vishay Siliconix M6060P Datasheet HTML 4Page - Vishay Siliconix M6060P Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
M6035P, M6045P, M6060P
www.vishay.com
Vishay General Semiconductor
Revision: 26-May-2020
2
Document Number: 88980
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
 40 ms
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Forward Power Loss Characteristics Per Diode
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
M6035P
M6045P
M6060P
UNIT
TYP.
MAX.
TYP.
MAX.
Instantaneous forward voltage per diode
VF (1)
IF = 10 A
TJ = 25 °C
0.42
-
0.43
-
V
IF = 20 A
0.49
-
0.52
-
IF = 30 A
0.54
0.60
0.59
0.64
IF = 10 A
TJ = 125 °C
0.31
-
0.33
-
IF = 20 A
0.42
-
0.47
-
IF = 30 A
0.50
0.55
0.56
0.60
Reverse current per diode
IR (2)
VR
TJ = 25 °C
135
600
240
600
μA
TJ = 125 °C
110
160
140
160
mA
Typical junction capacitance
CJ
4.0 V, 1 MHz
1150
-
1090
-
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
M6035P
M6045P
M6060P
UNIT
Typical thermal resistance per diode
RJC
2.0
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
M6045P-E3/45
6.14
45
30/tube
Tube
M6060P-E3/45
6.14
45
30/tube
Tube
0
10
20
30
40
50
60
70
0
25
50
75
100
125
150
175
Case Temperature (°C)
Resistive or Inductive Load
0
2
4
6
8
10
12
14
16
0
5
10
15
20
25
30
35
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 0.8
D = 1.0
Average Forward Current (A)
M6035P & M6045P
D = t
p/T
t
p
T



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com