Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M6060P Datasheet(PDF) 3 Page - Vishay Siliconix

Part # M6060P
Description  Dual Common Cathode Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M6060P Datasheet(HTML) 3 Page - Vishay Siliconix

  M6060P Datasheet HTML 1Page - Vishay Siliconix M6060P Datasheet HTML 2Page - Vishay Siliconix M6060P Datasheet HTML 3Page - Vishay Siliconix M6060P Datasheet HTML 4Page - Vishay Siliconix M6060P Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
M6035P, M6045P, M6060P
www.vishay.com
Vishay General Semiconductor
Revision: 26-May-2020
3
Document Number: 88980
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Forward Power Loss Characteristics Per Diode
Fig. 4 - Maximum Non-Repetitive Peak Forward Surge Current
Per Diode
Fig. 5 - Typical Instantaneous Forward Characteristics Per Diode
Fig. 6 - Typical Instantaneous Forward Characteristics Per Diode
Fig. 7 - Typical Reverse Characteristics Per Diode
Fig. 8 - Typical Reverse Characteristics Per Diode
D = t
p/T
t
p
T
0
2
4
6
8
10
12
14
16
0
5
10
15
20
25
30
35
Average Forward Current (A)
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 0.8
D = 1.0
M6060P
Number of Cycles at 60 Hz
400
300
200
100
1
10
100
T
J = TJ Max.
8.3 ms Single Half Sine-Wave
0.1
1
10
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Instantaneous Forward Voltage (V)
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
M6035P, M6045P
0.1
1
10
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Instantaneous Forward Voltage (V)
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
M6060P
0.01
0.1
1
10
100
1000
10
20
30
40
50
60
70
80
90
100
Percent of Rated Peak Reverse Voltage (%)
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
M6035P, M6045P
0.01
0.1
1
10
100
1000
10
20
30
40
50
60
70
80
90
100
Percent of Rated Peak Reverse Voltage (%)
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
M6060P



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com