Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATLS201DEV1.0 Datasheet(PDF) 3 Page - Analog Technologies, Inc.

Part # ATLS201DEV1.0
Description  Constant Current Laser Driver ATLS201D Evaluation board Rev. 1.0
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS201DEV1.0 Datasheet(HTML) 3 Page - Analog Technologies, Inc.

  ATLS201DEV1.0 Datasheet HTML 1Page - Analog Technologies, Inc. ATLS201DEV1.0 Datasheet HTML 2Page - Analog Technologies, Inc. ATLS201DEV1.0 Datasheet HTML 3Page - Analog Technologies, Inc. ATLS201DEV1.0 Datasheet HTML 4Page - Analog Technologies, Inc. ATLS201DEV1.0 Datasheet HTML 5Page - Analog Technologies, Inc. ATLS201DEV1.0 Datasheet HTML 6Page - Analog Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/25/2022
Email: staff@analogti.com/sales@analogti.com
3
Analog Technologies
Evaluation Board for ATLS201D
ATLS201DEV1.0
Some of the pins are also connected to the connectors of the
4 terminal blocks, and/or the soldering pads on the edges of
the board. The names of all these nodes are marked on the
board.
Please notice that when the board is working, the 5 diodes
on the top center may get hot, therefore, avoid touching
them with your fingers.
The schematic is shown in Figure 7 below.
VPS
SDN
2.5VR
LIS
LIO
LIGD
AMMTR+
AMMTR-
LDA
LDC
1
2
D1
1
2
D3
1
2
D5
1
2
D2
1
2
D4
LDA
AMMTR+
AMMTR-
1
2
RNP
LDC
VPS
12
PGND
11
LDC
10
LDA
9
LIGD
8
GND
7
SDN
1
LDGD
2
GND
3
2.5VR
4
LIS
5
LIO
6
Laser Driver
ATLSXA201D
1
2
R5
499
VPS
1
Q1
MMBT6428
2
1
D6
LED
LDGD
1
2
R6
49.9K
SDN
1
SDN
1
LDGD
LDGD
1
GND
2
W1
10K
1
2.5VR
1
LIS
2.5VR
LIS
1
LIO
LIO
1
VPS
VPS
1
PGND
1
LDA
1
LDC
1
LIGD
1
GND
C2
1uF
LDA
LDC
LIGD
LDGD
R4
NP
1
2
TB2
S1
1
2
R1
10K
C1
47uF
1
2
S3
1
2
S2
1
2
S4
1
2
S5
1
2
S6
1
2
S7
1
AMMTR+
1
AMMTR-
1
2
R2
10K
PGND
1
2
3
4
5
6
7
8
TB1
1
2
3
4
5
6
TB3
PGND
GND
GND
LDA
1
LDC
TB4
FAN+
FAN-
FAN
1
2 R7
0
VPS
PGND
1
2
R3
100
S8
Figure 7. Schematic of Laser Driver ATLS201D Evaluation Board Rev. 1.0
GETTING STARTED
1. Hook up the power supply. There are 2 solder pads in the
upper center area on the edge for connecting the power
supply. The connection can be done by clipping or
soldering on the pads, or locking in 2 wires through the
terminal block TB2 by using the screws, see Figure 1.
Usually the power supply is set to 5V. If the output
maximum voltage is sure to be always at low value, such
as 2.5V, a power supply with a voltage of about 1V higher
than the maximum output voltage, i.e. 3.5V, can be used.
When using a lower voltage power supply, the power
consumption of the driver will get smaller, thus, the driver
will be working under lower temperature rise.
2. Check the voltage reference. Use a voltmeter to check the
voltage reference pin 2.5VR having an accurate 2.5V.
3. Turn on and off the driver. This can be done by either
turning off the power supply or turning off the shut-down
pin of the driver. To do the latter, turn the switch S1H to
its upper position to turn off the driver, which shorts
circuit the shutdown pin SDN to the ground, or turn the
switch S1H to its lower position to turn on the driver.
4. Monitor the output curre by using the LIO pin voltage.
Measuring the voltage of the LIO pin by using a voltmeter
(measure between the LIO pin and the ground node) will
allow monitoring the output current. The relationship
between the LIO voltage and the output current is linear:
IOUT (A) = X (A) × VLIO (V)/2.5 (V),
where IOUT is the output current in Ampere;
X is maximum output current, 2A, 4A or 6A;
LIO stands for the voltage at the LIO pin.
5. Monitoring the output current directly by using an
Ammeter. Measure the voltage of LIO pin as described
above, then compare the approach with the measured
current. Measuring the output current directly by using an
Ammeter is not recommended when a real laser is
connected, because these potential problems:
A. The Ammeter brings in EMI (Electro-Magnetic
Interference) noise.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com